Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6911E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 1 Page - STMicroelectronics

  L6911E Datasheet HTML 1Page - STMicroelectronics L6911E Datasheet HTML 2Page - STMicroelectronics L6911E Datasheet HTML 3Page - STMicroelectronics L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
L6911E
November 2001
s
OPERATING SUPPLY IC VOLTAGE FROM 5V
TO 12V BUSES
s
UP TO 1.3A GATE CURRENT CAPABILITY
s
TTL-COMPATIBLE 5 BIT PROGRAMMABLE
OUTPUT COMPLIANT WITH VRM 8.5 :
1.050V TO 1.825V WITH 0.025V BINARY
STEPS
s
VOLTAGE MODE PWM CONTROL
s
EXCELLENT OUTPUT ACCURACY:
±1%
OVER LINE AND TEMPERATURE
VARIATIONS
s
VERY FAST LOAD TRANSIENT RESPONSE:
FROM 0% TO 100% DUTY CYCLE
s
POWER GOOD OUTPUT VOLTAGE
s
OVERVOLTAGE PROTECTION AND
MONITOR
s
OVERCURRENT PROTECTION REALIZED
USING THE UPPER MOSFET’S RdsON
s
200KHz INTERNAL OSCILLATOR
s
OSCILLATOR EXTERNALLY ADJUSTABLE
FROM 50KHz TO 1MHz
s
SOFT START AND INHIBIT FUNCTIONS
APPLICATIONS
s
POWER SUPPLY FOR ADVANCED
MICROPROCESSOR CORE
s
DISTRIBUTED POWER SUPPLY
DESCRIPTION
The device is a power supply controller specifically
designed to provide a high performance DC/DC con-
version for high current microprocessors. A precise 5
bit digital to analog converter (DAC) allows to adjust
the output voltage from 1.050 to 1.825 with 25mV bi-
nary steps.
The high precision internal reference assures the se-
lected output voltage to be within
±1%. The high peak
current gate drive affords to have fast switching to the
external power mos providing low switching losses.
The device assures a fast protection against load
overcurrent and load over-voltage. An external SCR
is triggered to crowbar the input supply in case of
hard overvoltage. An internal crowbar is also provid-
ed turning on the low side mosfet as long as the over-
voltage is detected. In case of over-current detection,
the soft start capacitor is discharged an the system
works in HICCUP mode.
SO-20
ORDERING NUMBERS: L6911E
L6911ETR (Tape and Reel)
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER
WITH SYNCHRONOUS RECTIFICATION
BLOCK DIAGRAM
PGND
PHASE
GND
VFB
LGATE
BOOT
UGATE
VCC
OCSET
Vcc 5V to12V
Vin 5V to12V
Vo
1.050V to 1.825V
PGOOD
COMP
VSEN
SS
OVP
RT
VD0
VD1
VD2
VD3
VD4
MONITOR and
PROTECTION
OSC
D/A
E/A
PWM
+
-
-
+
D98IN957


Similar Part No. - L6911E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911E STMICROELECTRONICS-L6911E Datasheet
482Kb / 34P
5-Bit programmable step down controller with synchronous rectification
10-Apr-2007
L6911ETR STMICROELECTRONICS-L6911ETR Datasheet
482Kb / 34P
5-Bit programmable step down controller with synchronous rectification
10-Apr-2007
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
5-Bit programmable step down controller with synchronous rectification
10-Apr-2007
More results

Similar Description - L6911E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
5-Bit programmable step down controller with synchronous rectification
10-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com