Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR0807-TCQ Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0807-TCQ
Description  THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0807-TCQ Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0807-TCQ Datasheet HTML 1Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 2Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 3Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 4Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 5Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 6Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 7Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• Current-controlled Output Current Source with 3 Input Channels
• Two Selectable Outputs for Grounded Laser Diodes
• Output Current per Write Channel: 350 mA
• Total Output Current: 500 mA
• 500
Ω Channel Input Resistance
• On-chip RF Oscillator
• Control of Two Different Swings by Use of Two External Resistors
• Oscillator Frequency Range from 200 MHz to 500 MHz
• Oscillator Swing: 100 mA
• Single 5 V Power Supply
• Common Enable/Disable Input
• TTL/CMOS Control Signals
• Small Pb-free QFN16 (4 mm x 4 mm) or SSO16 Package
Applications
• DVD-ROM with CD-RW Capability
• DVD+RW with CD-RW Capability
• DVD-RW with CD-RW Capability
• Writable Optical Drives
Description
The ATR0807 is a laser diode driver for the operation of two different grounded laser
diodes for DVD-RW/DVD+RW (650 nm) and CD-RW (780 nm). It includes three chan-
nels for three different optical power levels which are controlled by a separate IC. The
read channel generates a continuous output level, whereas the channels 2 and 3 are
provided as write channels with very fast switching speeds. Write current pulses are
enabled when a low signal is applied to the NE pins. All channels are summed
together and switched to one of the two IOUTA or IOUTB outputs by the select input
SELA. Each write channel (channel 2 and 3) can contribute up to 350 mA to the total
output current, up to 500 mA. The read channel can contribute up to 150 mA. Total
gains of 100 (read channel), 250 (channel 2 and 3) are provided between each refer-
ence current input and the selected output. Although, the reference inputs are current
inputs, voltage control is possible by using external resistors. An on-chip RF oscillator
is provided to reduce laser mode hopping noise during read mode. Swing can be set
independently for the two selectable outputs with two different resistors. Oscillation is
enabled by a high signal at the ENOSC pin. Complete output current and oscillator
switch-off is achieved by a low signal at the ENABLE input.
Three Channel
Laser Driver
with RF
Oscillator and
Two Outputs
ATR0807
(Summary)
Rev. 4723CS–DVD–07/03


Similar Part No. - ATR0807-TCQ

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ATR0805 ABCO-ATR0805 Datasheet
538Kb / 3P
THICK FILM CHIP RESISTORS
logo
ATMEL Corporation
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0808-PEQG ATMEL-ATR0808-PEQG Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0808-TCQG ATMEL-ATR0808-TCQG Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
More results

Similar Description - ATR0807-TCQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
3-channel Laser Driver with RF Oscillator and 2 Outputs
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
4-channel Laser Driver with RF Oscillator
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com