Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR0807-TCQ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0807-TCQ
Description  THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0807-TCQ Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0807-TCQ Datasheet HTML 1Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 2Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 3Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 4Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 5Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 6Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 7Page - ATMEL Corporation ATR0807-TCQ Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ATR0807
4723CS–DVD–07/03
Pin Configuration QFN16
Figure 3. Pinning QFN16
I3
RF
NE2
NE3
GND
RSA
RSB
IOUTB
16 15 14 13
5 6 7 8
1
2
3
4
12
11
10
9
Pin Description
Pin
Symbol
Type
Function
1
I3
Analog
Input current, bias voltage approximately GND
2
RF
Analog
External resistor to GND sets frequency of oscillator
3
NE2
Digital
Digital control of channel 2 (low active)
4
NE3
Digital
Digital control of channel 3 (low active)
5
ENABLE
Digital
Enables output current (high active)
6
ENOSC
Digital
Enables RF oscillator (high active)
7
VCC2
Supply
+5 V power supply for IOUT
8
SELA
Digital
High: selects IOUTA, RSA
Low: selects IOUTB, RSB
9
IOUTB
Analog
Output current source B for laser diode
10
RSB
Analog
External resistor to GND sets swing of oscillator B
11
RSA
Analog
External resistor to GND sets swing of oscillator A
12
GND
Supply
Ground
13
IOUTA
Analog
Output current source A for laser diode
14
VCC1
Supply
+5 V power supply for circuit
15
IR
Analog
Input current, bias voltage approximately GND
16
I2
Analog
Input current, bias voltage approximately GND
Paddle
GND
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com