Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3562-E/ST Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3562-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562-E/ST Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3562-E/ST Datasheet HTML 16Page - Microchip Technology MCP3562-E/ST Datasheet HTML 17Page - Microchip Technology MCP3562-E/ST Datasheet HTML 18Page - Microchip Technology MCP3562-E/ST Datasheet HTML 19Page - Microchip Technology MCP3562-E/ST Datasheet HTML 20Page - Microchip Technology MCP3562-E/ST Datasheet HTML 21Page - Microchip Technology MCP3562-E/ST Datasheet HTML 22Page - Microchip Technology MCP3562-E/ST Datasheet HTML 23Page - Microchip Technology MCP3562-E/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
MCP3561/2/4
DS20006181C-page 20
 2019-2021 Microchip Technology Inc.
2.1
Noise Specifications
Table 2-1 and Table 2-2 summarize the noise
performance of the MCP3561/2/4 devices. The noise
performance is an analog gain function of the ADC
(digital gain does not change the noise performance
significantly) and the OSR, chosen through the user
interface. With a higher gain, the input referred noise is
reduced. With a higher OSR setting, the noise is also
reduced as the oversampling diminishes both thermal
noise and quantization noise induced by the
Delta-Sigma modulator loop.
The noise value generally increases when temperature
is higher as thermal noise is dominant for all OSR
larger than 32. For high OSR settings (> 512), the
thermal noise is largely dominant and increases
proportionally to the square root of the absolute
temperature. The performance in the following tables
has been measured with AVDD = DVDD = VREF = 3.3V,
and with the device placed in Continuous Conversion
mode, with the differential input voltage equal to
VIN = 0V, default conditions for the register map and
MCLK = 4.9152 MHz.
The noise performance is also a function of the
measurement duration. For short duration measure-
ments (low number of consecutive samples), the
peak-to-peak noise is usually reduced because the
crest factor (ratio between the RMS noise and
peak-to-peak noise) is reduced. This is only a conse-
quence of the noise distribution being Gaussian by
nature (see Figure 2-3 for noise histogram example
and fitting with an ideal Gaussian distribution). The
noise specifications have been measured with a
sample size of 16384 samples for low OSR values and
have been capped to approximately 80 seconds for the
16384 samples leading to a larger duration. The noise
specifications are expressed in two different values,
which lead to the same quantity. It may be more practi-
cal to choose one of these representations depending
on the desired application.
In Table 2-1, the RMS (Root Mean Square) noise is the
variance of the ADC output code, expressed in µVRMS
and input referred with Equation 5-5. The peak-to-peak
noise values are in parentheses. The peak-to-peak
noise is the difference between the maximum and
minimum code observed during the complete time of
the measurement (see Equation 5-5).
In Table 2-2, the noise is expressed in Effective
Resolution (ER). The Effective Resolution is a ratio of
the full-scale range of the ADC (that depends on VREF
and gain) and the noise performance of the device. The
Effective Resolution can be determined from the RMS
or peak-to-peak noise with the following equations.
EQUATION 2-1:
EQUATION 2-2:
Due to the nature of the noise, the performance
detailed in the noise tables can vary significantly from
one measurement to another. They present an averag-
ing of the performance over a large distribution of parts
over multiple lots. They give the typical expectation of
the noise performance, but performance can be better
or worse if a limited number of measurements is per-
formed. For large gain and OSR combinations, if the
noise performance is comparable to the quantization
step (1 LSb), the performance is limited to 0.5 LSb for
the RMS noise and 1 LSb for the peak-to-peak noise
(same limits for Effective Resolution values).
These figures correspond to the resolution limit of the
device as peak-to-peak noise cannot be better than
1 LSb. Similarly, if the intrinsic RMS noise of the device
is much smaller than 0.5 LSb, it may lead to histogram
with either one or two bins, depending on the relative
position of the input voltage versus the possible quan-
tized outputs of the ADC. If the position is exactly in
between two quantization steps, the histogram of
output noise will have two bins with exactly 50% occur-
rence on each. This case gives an RMS noise of a
0.5 LSb value, which is therefore, used as a cap of the
performance for the sake of clarity and a better
representation on the noise tables.
The noise specifications are improved by a ratio of
approximately √2 (or 0.5-bit Effective Resolution) when
the AZ_MUX setting is enabled. However, the output
data rate is significantly reduced (see Figure 5-5 and
Table 5-6).
The digital gain added for Gain = 32x and 64x settings
is not significant for the noise performance, and there-
fore, the noise values can be extracted from the
Gain = 16x columns. Effective Resolution performance
is degraded by one bit for Gain = 32x and two bits for
Gain = 64x compared to Gain = 16x performance.
ERRMS
2VREF
GAIN RMS (Noise)
-----------------------------------------------------


ln
2

ln
----------------------------------------------------------------
=
ERpk pk
–
2VREF
GAIN Peak-to-Peak Noise
----------------------------------------------------------------------


ln
2

ln
---------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com