Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3562-E/ST Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP3562-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562-E/ST Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP3562-E/ST Datasheet HTML 71Page - Microchip Technology MCP3562-E/ST Datasheet HTML 72Page - Microchip Technology MCP3562-E/ST Datasheet HTML 73Page - Microchip Technology MCP3562-E/ST Datasheet HTML 74Page - Microchip Technology MCP3562-E/ST Datasheet HTML 75Page - Microchip Technology MCP3562-E/ST Datasheet HTML 76Page - Microchip Technology MCP3562-E/ST Datasheet HTML 77Page - Microchip Technology MCP3562-E/ST Datasheet HTML 78Page - Microchip Technology MCP3562-E/ST Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 75
MCP3561/2/4
6.8.3.3
IRQ Pin State
A Logic Low state is generated on the IRQ pin as soon
as the AVDD or DVDD monitoring circuits detect a power
supply drop below their specified threshold.
This POR interrupt can only be cleared when both
AVDD and DVDD are above their monitoring voltage
thresholds. When this condition is met, the POR
threshold is cleared by the CS falling edge. Therefore,
it means that if a CS falling edge does not clear the IRQ
pin state, the POR event is still in effect.
This feature helps the user to know exactly when the
chip has powered up by polling with the CS pin and
checking the IRQ pin state at power-up (see
Figure 6-15 for more details).
Since this is a high-level priority interrupt, the POR
interrupt can happen at all times, even when MDAT is
enabled. In this case, having a constant logic low bit-
stream can indicate a probable POR event (or a fully
negative ADC saturation output code induced by a
large negative input voltage).
FIGURE 6-15:
POR IRQ Timing Diagram.
6.8.4
CRCCFG ERROR INTERRUPT
The CRCCFG interrupt happens when an error in the
CRC-16 checksum has been detected in the register
map CRC calculation.
This interrupt is implemented with three different and
independent mechanisms: STATUS byte on SDO, IRQ
register Status bit and IRQ pin state.
6.8.4.1
STATUS Byte on SDO
In case of a CRCCFG error on the next STATUS byte
transmitted on SDO, the CRCCFG_STATUS bit is logic
low. Once the STATUS byte has been transmitted, the
CRCCFG_STATUS bit appears as ‘1’ until a new inter-
rupt occurs. If the error is detected again between two
STATUS byte transmissions, the CRCCFG_STATUS
bit on SDO will appear as equal to ‘0’ on the second
reading.
6.8.4.2
IRQ Register Status Bit
In case of a CRCCFG error, the CRCCFG_STATUS bit
in the IRQ register is set to ‘0’. Once the IRQ register is
fully read, the CRCCFG_STATUS bit is reset to ‘1’. If
the CRCCFG error happens again between two read-
ings of the IRQ register, the IRQ register Status bit will
appear as ‘0’ on the second reading.
6.8.4.3
IRQ Pin State
The CRCCFG error generates a Logic Low state on the
IRQ pin until it is cleared. The clearing of the CRCCFG
error can only be made by “unlocking” the device (write
0xA5 in the LOCK[7:0] register) or by sending a Fast
command start/restart ADC conversion. Unlocking the
device stops the CRC calculation, and therefore, clears
the associated interrupt. Sending an ADC start/restart
conversion Fast command resets the CRC calculation
and clears the interrupt.
This CRCCFG error can only occur in case of an
external perturbation (for example, EMI induced) that
causes the continuous calculation of the CRC on the
register map to be erroneous or in case the chip
integrity has been altered. Since both causes are
high-priority issues, the CRCCFG error has priority
over all other interrupts (except POR) and over the
MDAT output on the IRQ pin.
IRQ
High-Z
0
DVDD
AVDD
tPOR
VPOR_A, VPOR_D
CS
Clears POR interrupt
Chip Select
Starts Low
POR
Internal State
Don’t Care
tCSIRQ
Note:
If MCLK starts running before the device is
locked, an interrupt can momentarily occur,
even if registers have not been corrupted. In
such a case, the user must send a
start/restart conversion Fast command
which will clear the unwanted interrupt and
correctly restart the CRC calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com