Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3461RT-E/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 23Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 24Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 25Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 26Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 27Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 28Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 29Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 30Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 27
MCP3461/2/4R
TABLE 2-3:
OUTPUT NOISE VS. GAIN VS. OSR (AVDD = DVDD = 3.3V, VREF = 2.4V INTERNAL,
TA =+25°C)
TOTAL
OSR
RMS (Peak-to-Peak) Noise (µV)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
32
281.5 (2167.7)
93.7 (739.7)
47.5 (372.3)
24.2 (191.7)
12.6 (96.4)
6.8 (52.9)
64
111.0 (525.3)
36.6 (178.2)
18.3 (92.8)
9.2 (53.1)
4.8 (33.6)
3.0 (22.1)
128
111.0 (325.5)
36.6 (112.3)
18.3 (65.9)
9.2 (34.2)
4.6 (21.7)
2.3 (14.2)
256
111.0 (222.0)
36.6 (80.6)
18.3 (41.5)
9.2 (27.5)
4.6 (14.7)
2.3 (10.8)
512
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.9)
4.6 (10.1)
2.3 (6.7)
1024
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (5.3)
2048
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
4096
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
8192
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
16384
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
20480
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
24576
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
40960
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
49152
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
81920
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
98304
111.0 (222.0)
36.6 (73.2)
18.3 (36.6)
9.2 (18.3)
4.6 (9.2)
2.3 (4.6)
TABLE 2-4:
EFFECTIVE RESOLUTION VS. GAIN VS. OSR (AVDD = DVDD = 3.3V, VREF = 2.4V
INTERNAL, TA = +25°C)
TOTAL
OSR
Effective Resolution RMS (Peak-to-Peak) (bits)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
32
15.7 (12.7)
15.7 (12.7)
15.6 (12.7)
15.6 (12.6)
15.5 (12.6)
15.4 (12.5)
64
17.0 (14.8)
17.0 (14.7)
17.0 (14.7)
17.0 (14.5)
16.9 (14.1)
16.6 (13.8)
128
17.0 (15.5)
17.0 (15.5)
17.0 (15.2)
17.0 (15.1)
17.0 (14.8)
17.0 (14.4)
256
17.0 (16.0)
17.0 (15.9)
17.0 (15.9)
17.0 (15.5)
17.0 (15.4)
17.0 (14.8)
512
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (15.9)
17.0 (15.5)
1024
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (15.8)
2048
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
4096
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
8192
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
16384
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
20480
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
24576
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
40960
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
49152
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
81920
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
98304
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
17.0 (16.0)
Note:
To calculate noise RMS level and Effective Resolution (Bits) for a given GAIN and data rate, refer to the
OSR setting and associated data rate relationship shown in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com