Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA1107-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1107-EVALZ
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADPA1107-EVALZ Datasheet HTML 1Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 2Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 3Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 4Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 5Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 6Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 7Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 8Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Base temperature (TBASE) = 25°C, supply voltage (VDD) = 28 V, quiescent current (IDQ) = 350 mA, pulse width = 100 µs, 10% duty cycle,
and frequency range = 4.8 GHz to 5.4 GHz, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
4.8
5.4
GHz
GAIN
Small Signal Gain
28.0
30.5
dB
Gain Flatness
±1.3
dB
RETURN LOSS
Input
16.0
dB
Output
13.5
dB
POWER
Output Power (POUT)
Input Power (PIN) = 25.0 dBm
45.5
dBm
PIN = 27.0 dBm
43.5
45.5
dBm
Power Gain
PIN = 25.0 dBm
20.5
dB
PIN = 27.0 dBm
16.5
18.5
dB
Power Added Efficiency (PAE)
PIN = 25.0 dBm
56.5
%
PIN = 27.0 dBm
55.0
%
QUIESCENT CURRENT (IDQ)
350
mA
Adjust the gate control voltage (VGG1) between −4 V and −2 V to
achieve an IDQ = 350 mA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com