Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA1107-EVALZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA1107-EVALZ
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107-EVALZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA1107-EVALZ Datasheet HTML 12Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 13Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 14Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 15Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 16Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 17Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 18Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 19Page - Analog Devices ADPA1107-EVALZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.20 MIN
4.70
4.60 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD-5
40
1
11
10
20
21
30
31
END VIEW
EXPOSED
PAD
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
SEATING
PLANE
PIN 1
INDICATOR
AREA
Figure 54. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.75 mm Package Height
(CP-40-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
MSL Rating2
Description3
Package Option
ADPA1107ACPZN
−40°C to +85°C
MSL3
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-7
ADPA1107ACPZN-R7
−40°C to +85°C
MSL3
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-7
ADPA1107-EVALZ
Evaluation Board
1
The ADPA1107ACPZN and ADPA1107ACPZN-R7 models are RoHS compliant parts.
2
See the Absolute Maximum Ratings section for additional information.
3
The lead finish of ADPA1107ACPZN and ADPA1107ACPZN-R7 is nickel palladium gold (NiPdAu).
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D26290-7/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com