Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25AA160GFMLTH Datasheet(PDF) 30 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 30 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
30
Continuous Read Mode Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to
further reduce command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read
operations do not require the BBH/EBH/E7H command code.
Because the ACE25AA160G has no hardware reset pin, so if Continuous Read Mode bits are set to
“AXH”, the ACE25AA160G will not recognize any standard SPI commands. So Continuous Read Mode
Reset command will release the Continuous Read Mode from the “AXH” state and allow standard SPI
command to be recognized. The command sequence is shown in Figure 24.
Program/Erase Suspend (PES) (75H)
The Program/Erase Suspend command “75H”, allows the system to interrupt a page program or sec-
tor/block erase operation and then read data from any other sector or block. The Write Status Register
command (01H) and Erase Security Registers (44H, 42H) and Erase commands (20H, 52H, D8H, C7H,
60H) and Page Program command are not allowed during Program/Erase suspend. Program/Erase
Suspend is valid only during the page program or sector/block erase operation. A maximum of time of
“tSUS” (See AC Characteristics) is required to suspend the program/erase operation
Figure24. Continuous Read Mode Reset Sequence Diagram
Figure23. High Speed Mode Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com