Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25AA160GFMLTH Datasheet(PDF) 43 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 43 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
43
Packaging information
SOP-8L (208mil)
Symbol
Dimensions In Millimeters
Min
Norm
Max
A
1.750
1.950
2.160
A1
0.050
0.150
0.250
A2
1.700
1.800
1.910
b
0.350
0.420
0.480
c
0.190
0.200
0.250
D
5.130
5.230
5.330
E
7.700
7.900
8.100
E1
5.180
5.280
5.380
e
1.270 BSC
L
0.500
0.650
0.800
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com