Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16682AW Datasheet(PDF) 21 Page - NEC

Part # UPD16682AW
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682AW Datasheet(HTML) 21 Page - NEC

Back Button UPD16682AW Datasheet HTML 17Page - NEC UPD16682AW Datasheet HTML 18Page - NEC UPD16682AW Datasheet HTML 19Page - NEC UPD16682AW Datasheet HTML 20Page - NEC UPD16682AW Datasheet HTML 21Page - NEC UPD16682AW Datasheet HTML 22Page - NEC UPD16682AW Datasheet HTML 23Page - NEC UPD16682AW Datasheet HTML 24Page - NEC UPD16682AW Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Data Sheet S14402EJ1V0DS
21
µµµµPD16682A
9. COMMON OUTPUT STATUS SELECT CIRCUIT
With the
µ PD16682A, the common output status select command can be used to set the scan direction for COM
outputs (see Table 9–1). As a result, there are fewer IC layout constraints when setting up the LCD module.
Table 9–1. Setting of Scan Direction for COM Outputs
Status
COM Scan Direction
Normal (forward)
COM0
→
COM63
Inverted (reverse)
COM63
→
COM0
10. POWER SUPPLY CIRCUIT
10.1 Power Supply Circuit
The power supply circuit, which supplies the voltage needed to drive the LCD, includes a booster circuit, voltage
regulator circuit, and voltage follower circuit.
The power control set command is used to control the ON/OFF status of the power supply circuit’s booster circuit,
voltage regulator circuit (V regulator circuit), and voltage follower circuit (V/F circuit). This makes it possible to jointly
use an external power supply along with certain functions of the on-chip power supply. Table 10–1 shows the
function that controls the 3-bit data in the power control set command and Table 10–2 shows a reference chart of
combinations.
Table 10–1. Control Values Set to Bits in Power Control Set Command
Status
Item
HL
D2
Booster circuit control bit
ON
OFF
D1
Voltage regulator circuit control bit
ON
OFF
D0
Voltage follower circuit control bit
ON
OFF
Table 10–2. Reference Chart of Combinations
Use Status
D2
D1
D0
Booster
Circuit
V Regulator
Circuit
V/F Circuit
External Power
Supply Input
Booster-
related Pin
<1> Use on-chip power supply
H
H
H
¡¡
¡
VDD2
Used
<2> Use V regulator circuit
and V/F circuit only
LH
H
×
¡¡
VLCD
Open
<3> Use V/F circuit only
L
L
H
××
¡
VLC1
Open
<4> Use External power
supply only
LL
L
××
×
VLC1 to VLC5
Open
Remarks 1. The booster-related pins are indicated as pins C1
+, C1–, C2+, C2–, C3+, and C3–.
2. Although combinations other than those shown above are possible, they have no practical uses and
therefore cannot be recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com