Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16682AW Datasheet(PDF) 13 Page - NEC

Part # UPD16682AW
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682AW Datasheet(HTML) 13 Page - NEC

Back Button UPD16682AW Datasheet HTML 9Page - NEC UPD16682AW Datasheet HTML 10Page - NEC UPD16682AW Datasheet HTML 11Page - NEC UPD16682AW Datasheet HTML 12Page - NEC UPD16682AW Datasheet HTML 13Page - NEC UPD16682AW Datasheet HTML 14Page - NEC UPD16682AW Datasheet HTML 15Page - NEC UPD16682AW Datasheet HTML 16Page - NEC UPD16682AW Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Data Sheet S14402EJ1V0DS
13
µµµµPD16682A
5. DESCRIPTION OF FUNCTIONS
5.1 CPU Interface
5.1.1 Select interface type
The
µ PD16682A transfers data either via an 8-bit bidirectional data bus (D7 to D0) or via a serial data input (SI).
The P,/S pin can be set to either high or low levels to select 8-bit parallel data input or serial data input, as shown
in the table below.
P,/S
/CS1
CS2
A0
/RD
/WR
C86
D7
D6
D5 - D0
H: Parallel input
/CS1
CS2
A0
/RD
/WR
C86
D7
D6
D5 -D0
L: Serial input
/CS1
CS2
A0
Note 1
Note 1
Note1
SI
SCL
Note2
Notes 1. Fix this pin as either H or L.
2. High impedance
5.1.2 Parallel interface
If the parallel interface has been selected (P,/S = H), setting the C86 pin either high or low determines whether to
connect directly to the 80 series CPU or the 68 series CPU, as shown in the table below.
P,/S
/CS1
CS2
A0
/RD
D7 - D0
H: 68 series CPU bus
/CS1
CS2
A0
E
D7 - D0
L: 80 series CPU bus
/CS1
CS2
A0
/RD
D7 - D0
The data bus signal can be identified according to the combination of A0, /RD(E), and /WR (R,/W) signals, as
shown in the table below.
Common
68 Series
80 Series
Function
A0
R,/W
/RD
/WR
H
H
L
H
Read display data
H
L
H
L
Write display data
L
H
L
H
Read status
L
L
H
L
Write control data (command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com