Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16682AP Datasheet(PDF) 29 Page - NEC

Part # UPD16682AP
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682AP Datasheet(HTML) 29 Page - NEC

Back Button UPD16682AP Datasheet HTML 25Page - NEC UPD16682AP Datasheet HTML 26Page - NEC UPD16682AP Datasheet HTML 27Page - NEC UPD16682AP Datasheet HTML 28Page - NEC UPD16682AP Datasheet HTML 29Page - NEC UPD16682AP Datasheet HTML 30Page - NEC UPD16682AP Datasheet HTML 31Page - NEC UPD16682AP Datasheet HTML 32Page - NEC UPD16682AP Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Data Sheet S14402EJ1V0DS
29
µµµµPD16682A
12.3 Page Address Set
This command specifies the page address corresponding to the row address when accessing the display data RAM
from the CPU side, as was shown in Figure 6–2. The specified bit in display data RAM can be accessed by selecting
the corresponding page address and column address. If the page address is changed, the display mode does not
change.
For details, see 6.2 Page Address Circuit.
A0
E, /RD
R,/W, /WR
D7
D6
D5
D4
D3
D2
D1
D0
Page
Address
0000
0
0001
1
0010
2
↓↓
0111
7
01
0
1
0
1
1
1000
8
12.4 Column Address Set
This command specifies the column address in display data RAM, as was shown in Figure 6–2. The column
address is set in a (basically continuous) series of two specifications, one for the high-order four bits and another for
the low-order four bits. The column address is automatically incremented (+1) each time the display data RAM is
accessed, so the CPU is able to continuously read or write display data. Incrementation of the column address stops
at 83H. At that point the page address can no longer be continuously modified. For details, see 6.3 Column
Address Circuit.
A0
E, /RD
R,/W, /WR
D7
D6
D5
D4
D3
D2
D1
D0
1
A7A6A5
A4
01
0
0
0
0
0
A3A2A1
A0
A7
A6
A5
A4
A3
A2
A1
A0
Column Address
00
0000
00
0
00
0000
01
1
00
0000
10
2
↓↓
10
0000
10
130
10
0000
11
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com