Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6476 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6476 Datasheet HTML 15Page - Microchip Technology MCP6476 Datasheet HTML 16Page - Microchip Technology MCP6476 Datasheet HTML 17Page - Microchip Technology MCP6476 Datasheet HTML 18Page - Microchip Technology MCP6476 Datasheet HTML 19Page - Microchip Technology MCP6476 Datasheet HTML 20Page - Microchip Technology MCP6476 Datasheet HTML 21Page - Microchip Technology MCP6476 Datasheet HTML 22Page - Microchip Technology MCP6476 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 19
MCP6476/6R/6U/7/9
5.0
DESIGN AIDS
Microchip provides the basic design tools needed for
the MCP6476/6R/6U/7/9 op amp.
5.1
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps semiconductor
professionals efficiently identify the Microchip
devices that fit a particular design requirement.
Available at no cost from the Microchip website at
www.microchip.com/maps,
MAPS
is
an
overall
selection tool for Microchip’s product portfolio that
includes Analog, Memory, MCUs and DSCs. Using this
tool, you can define a filter to sort features for a
parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for data sheets, purchase and sampling of
Microchip parts.
5.2
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of Analog
Demonstration and Evaluation Boards that are designed
to help you achieve faster time to market. For a complete
listing of these boards and their corresponding user’s
guides and technical information, visit the Microchip
website at www.microchipdirect.com.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 2
(P/N DS51668)
• MCP6XXX Amplifier Evaluation Board 3
(P/N DS51673)
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board
(P/N SOIC8EV)
• 5/6-Pin SOT-23 Evaluation Board
(P/N VSUPEV2)
• 14-Pin SOIC/TSSOP/DIP Evaluation Board
(P/N SOIC14EV)
5.3
Application Notes
The following Microchip Analog Design Notes and
Application Notes are available on the Microchip
website at www.microchip.com/appnotes, and are
recommended as supplemental reference resources:
• ADN003 – “Select the Right Operational Amplifier
for your Filtering Circuits”, Microchip Technology
Inc. (DS21821)
• AN722 – “Operational Amplifier Topologies and
DC Specifications”, Microchip Technology Inc.
(DS00722)
• AN723 – “Operational Amplifier AC Specifications
and Applications”, Microchip Technology Inc.
(DS00723)
• AN884 – “Driving Capacitive Loads With
Op Amps”, Microchip Technology Inc. (DS00884)
• AN990 – “Analog Sensor Conditioning
Circuits – An Overview”, Microchip Technology
Inc. (DS00990)
• AN1177 – “Op Amp Precision Design: DC Errors”,
Microchip Technology Inc. (DS01177)
• AN1228 – “Op Amp Precision Design: Random
Noise”, Microchip Technology Inc. (DS01228)
• AN1258 – “Op Amp Precision Design: PCB
Layout Techniques”, Microchip Technology Inc.
(DS01258).
These application notes and others are listed in the
design guide:
• “Signal Chain Design Guide”, Microchip
Technology inc. (DS21825).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com