Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6476 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6476 Datasheet HTML 1Page - Microchip Technology MCP6476 Datasheet HTML 2Page - Microchip Technology MCP6476 Datasheet HTML 3Page - Microchip Technology MCP6476 Datasheet HTML 4Page - Microchip Technology MCP6476 Datasheet HTML 5Page - Microchip Technology MCP6476 Datasheet HTML 6Page - Microchip Technology MCP6476 Datasheet HTML 7Page - Microchip Technology MCP6476 Datasheet HTML 8Page - Microchip Technology MCP6476 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 1
MCP6476/6R/6U/7/9
Features
• Low Quiescent Current:
- 170 µA (maximum)/amplifier
• Low Input Offset Voltage:
- ±1.6 mV (maximum)
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 90 dB
• Supply Voltage Range: 1.8V to 5.5V
• Gain Bandwidth Product: 3 MHz (typical)
• Rail-to-Rail Input/Output
• Unity Gain Stable
• No Phase Reversal
• Quick Start-up Time: 6 µs (typical)
• Small Packages
• Extended Temperature Range: -40°C to +125°C
• AEC Q100 Qualified, Grade 1
Applications
• Smoke Detectors
• Automotive, see Product Identification System
(Automotive)
• Battery-Powered Systems
• Sensor Conditioning
• Battery Current Monitoring
Design Aids
• SPICE Macro Models
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Start-up Time
Description
The Microchip Technology Inc. MCP6476/6R/6U/7/9
operational amplifier (op amp) operates with a single
supply voltage as low as 1.8V, while drawing low quies-
cent current (170 µA, maximum per amplifier). This op
amp also has low input offset voltage (±1.6 mV, maxi-
mum), and rail-to-rail input and output operation. In
addition, the MCP6476/6R/6U/7/9 is unity gain stable
and has a gain bandwidth product of 3 MHz (typical).
This combination of features supports battery-powered
and portable applications.
The MCP6476/6R/6U/7/9 has enhanced EMI protec-
tion minimizing Electromagnetic Interference from
external sources. This feature makes it well-suited for
EMI-sensitive applications, such as power lines, radio
stations and mobile communications.
This product family is offered in single (MCP6476), dual
(MCP6477) and quad (MCP6479) packages. All
devices are designed using an advanced CMOS pro-
cess and fully specified in the extended temperature
range, from -40°C to +125°C.
Package Types
-1
0
1
2
3
4
5
6
Time (5 μs/div)
V
DD = 5.5V
No Bypass Capacitors
V
IN = 100mVPP
MCP6477
Start-up time is 6μs
V
INA+
V
INA-
V
SS
1
2
3
4
8
7
6
5
V
OUTA
V
DD
V
OUTB
V
INB-
V
INB +
MCP6476
5-Lead SC70, SOT-23
MCP6477
8-Lead SOIC, MSOP
V
IN+
V
SS
V
IN-
1
2
3
5
4
V
DD
V
OUT
MCP6479
14-Lead TSSOP, SOIC
V
INA +
V
INA-
V
DD
1
2
3
4
14
13
12
11
V
OUTA
V
OUTD
V
IND -
V
IND+
V
SS
V
INB-
V
INB +
V
OUTB
5
6
7
10
9
8
V
INC+
V
INC -
V
OUTC
MCP6476R
5-Lead SOT-23
V
IN+
V
DD
V
IN -
1
2
3
5
4
V
SS
V
OUT
MCP6476U
5-Lead
SOT-23
V
IN+
V
SS
V
IN-
1
2
3
5
4
V
DD
V
OUT
3 MHz Operational Amplifier with EMI Filtering


Similar Part No. - MCP6476

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6472 MICROCHIP-MCP6472 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6474 MICROCHIP-MCP6474 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
More results

Similar Description - MCP6476

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
EMI Filtering, Broadband Filtering, LCD Filtering
logo
Texas Instruments
TLV314 TI1-TLV314 Datasheet
1Mb / 35P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1 Datasheet
952Kb / 34P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_17 Datasheet
840Kb / 32P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_18 Datasheet
1Mb / 37P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
logo
Microchip Technology
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6006 MICROCHIP-MCP6006 Datasheet
3Mb / 46P
1 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6421 MICROCHIP-MCP6421_V01 Datasheet
1Mb / 34P
1 MHz Operational Amplifier with EMI Filtering
11/07/16
MCP6486 MICROCHIP-MCP6486 Datasheet
1Mb / 46P
10 MHz Operational Amplifier with EMI Filtering
Revision A May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com