| Electronic Components Datasheet Search |
|
R3-PA16W/PRS Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-PA16W/PRS Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: R3-PA16 R3-PA16 SPECIFICATIONS ES-8389 Rev.12 Page 4/6 https://www.m-system.co.jp/ COUNTER SETTING FROM HOST PC/PLC ■ COUNTER RESET (Available for R3-NC1, R3-NC3, R3-NE1, R3-NM1, R3-NDx, R3-NFL1, R3-NP1, R3-NML3 (Firmware version 2.00 or later)) Setting SW3-4 OFF and turning power on enable the function. The bits indicating the channels to reset counter are allocated in the rst word from host PC/PLC. When these bits are changed from 0 to 1, the counter is reset. When it is conrmed that the counter is reset, return to 0. Notice that if the bit remains at 1, the next reset will not work. 0 15 Count reset CH.1 Count reset CH.16 Count reset CH.2 Count reset CH.3 Count reset CH.4 ■ COUNTER PRESET (Available in combination with R3-NE1, R3-NM1 (Firmware version 2.00 or later), and R3-PA16 displayed ‘SW3-4 RESET/PRESET’ on the right side) Setting SW3-4 ON and turning power on enable the function. Write the preset value to the Holding Resisters, which has same address as the Input Resisters. • Input Resisters • Holding Resisters Address n+0 n+1 n+2 n+3 n+14 n+15 Input 1 Input 2 Input 3 Address n+0 n+1 n+2 n+3 n+14 n+15 Preset value of Input 1 Preset value of Input 2 Preset value of Input 3 Input 4 Input 15 Input 16 Preset value of Input 4 Preset value of Input 15 Preset value of Input 16 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |