Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-PA16W/PRS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-PA16W/PRS
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA16W/PRS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-PA16W/PRS Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA16W/PRS Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA16W/PRS Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA16W/PRS Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA16W/PRS Datasheet HTML 5Page - M-System Co.,Ltd. R3-PA16W/PRS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-PA16
R3-PA16 SPECIFICATIONS
ES-8389 Rev.12 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
TOTALIZED PULSE INPUT MODULE
(Pi 16 points)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-PA16[1][2]
ORDERING INFORMATION
• Code number: R3-PA16[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-PA16W/A/CE/PRS/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
16: 16
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Excitation
Blank: Internal (negative common)
/A: External (24 V DC, negative common)
Standards & Approvals
blank: Without CE
/CE: CE marking
EX-FACTORY SETTING
blank: Enable count reset by host PC/PLC
/PRS: Enable count preset by host PC/PLC
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8389)
RELATED PRODUCTS
• Interface module (model: R3-NC1, R3-NC3, R3-NE1,
R3-NM1, R3-NDx, R3-NFL1, R3-NP1, R3-NFx, R3-NML3.
R3-NF2: Firmware version V0.05 or later)
Note:
• Count reset by host PC/PLC:
Available with this unit and the above mentioned interface
modules of firmware version V2.00 or later, except R3-NFx.
Notice that Count reset by host PC/PLC via R3-NFx or
interface module of previous versions of firmware is unable.
• Count preset by host PC/PLC:
It is only available in combination with this unit displayed
'SW3-4 RESET/PRESET' on the right side panel and the
interface module R3-NM1 or R3-NE1 of firmware version
V2.00 or later. Count preset is not available for other
combination.
Notice that this function is not available in the same time as
count preset by host PC/PLC.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input to internal bus or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with excitation abnormality;
Green in normal operating conditions.
Input status indicator: Red LED; turns on with the input ON.
Count reset: Via DIP switch on the side or one pulse to reset
input
Count setting from host PC/PLC: Count reset/count preset is
changeable via DIP switch on the side.


Similar Part No. - R3-PA16W/PRS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-PA2 MSYSTEM-R3-PA2 Datasheet
125Kb / 5P
Remote I/O R3 Series ENCODER INPUT MODULE
R3-PA2S MSYSTEM-R3-PA2S Datasheet
125Kb / 5P
Remote I/O R3 Series ENCODER INPUT MODULE
R3-PA2S/CE MSYSTEM-R3-PA2S/CE Datasheet
125Kb / 5P
Remote I/O R3 Series ENCODER INPUT MODULE
R3-PA2S/Q MSYSTEM-R3-PA2S/Q Datasheet
125Kb / 5P
Remote I/O R3 Series ENCODER INPUT MODULE
R3-PA2W MSYSTEM-R3-PA2W Datasheet
125Kb / 5P
Remote I/O R3 Series ENCODER INPUT MODULE
More results

Similar Description - R3-PA16W/PRS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TPA2 MSYSTEM-R5-TPA2 Datasheet
116Kb / 3P
Remote I/O R5 Series TOTALIZED PULSE INPUT MODULE
R30PA2 MSYSTEM-R30PA2 Datasheet
235Kb / 5P
Remote I/O R30 Series TOTALIZED PULSE INPUT MODULE
R3-PA4A MSYSTEM-R3-PA4A Datasheet
135Kb / 5P
Remote I/O R3 Series HIGH SPEED TOTALIZED PULSE INPUT MODULE
R3-PA4 MSYSTEM-R3-PA4 Datasheet
128Kb / 5P
Remote I/O R3 Series HIGH SPEED PULSE INPUT MODULE
R3-SPA8 MSYSTEM-R3-SPA8 Datasheet
151Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PC16A MSYSTEM-R3-PC16A Datasheet
118Kb / 4P
Remote I/O R3 Series PULSE OUTPUT MODULE
R3-PA8 MSYSTEM-R3-PA8 Datasheet
143Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA4B MSYSTEM-R3-PA4B Datasheet
135Kb / 5P
Remote I/O R3 Series LOW SPEED TOTALIZED PULSE INPUT MODULE
R3Y-PA16 MSYSTEM-R3Y-PA16 Datasheet
146Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com