Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-WT4B3AS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-WT4B3AS
Description  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT4B3AS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-WT4B3AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT4B3AS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R3-WT4B
R3-WT4B SPECIFICATIONS
ES-8384 Rev.5 Page 4/7
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ 16-BIT DATA
0
15
16-bit binary data. Minus values are represented in 2’s complements.
■ 32-BIT DATA
16
31
0
15
s
t
i
g
i
d
r
e
w
o
l
s
t
i
g
i
d
r
e
p
p
u
32-bit binary data. Minus values are represented in 2’s complements.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
52.5 (2.07)
109 (4.29)
POSITIONING
GUIDE
TERMINAL
COVER
20–M3.5
SCREW
1
A
B
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com