| Electronic Components Datasheet Search |
|
R5-NP1/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R5-NP1/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R5-NP1 R5-NP1 SPECIFICATIONS ES-6107 Rev.7 Page 3/5 http://www.m-system.co.jp/ TRANSMISSION DATA DESCRIPTIONS The DIP SW located at the side of the module switches the unit's data allocation mode. The Data Allocation Mode 1 is used when all analog I/O modules are single-channel types. In this mode, one (1) word is assigned for one I/O module. The second channel on the dual-channel modules cannot be used. The Data Allocation Mode 2 is used when one or more analog I/O modules are dual-channel types. In this mode, two (2) words are assigned for one I/O module regardless of whether the second word area is required or not. For example, discrete I/O modules require only one (1) word, but two (2) words are automatically assigned to these modules. ■ I/O CAPACITY In Data Allocation Mode 1, a maximum of 16 I/O modules can be mounted per node. If two-channel type analog modules are mixed, the second channel I/O cannot be used. In Data Allocation Mode 2, a maximum of 8 I/O modules can be mounted per node. DATA ALLOCATION MODE 1 •Output Data The figure below shows the allocation of the data sent from the network module to the master. •Input Data The figure below shows the allocation of the data sent from the master to the network module. 0 15 +0 Module 1 Module 2 +2 Module 3 Module 4 +4 Module 5 Module 6 +6 Module 7 Module 8 +8 Module 9 Module 10 +10 Module 11 Module 12 +12 Module 13 Module 14 +14 Module 15 Module 16 0 15 +0 Module 1 Module 2 +2 Module 3 Module 4 +4 Module 5 Module 6 +6 Module 7 Module 8 +8 Module 9 Module 10 +10 Module 11 Module 12 +12 Module 13 Module 14 +14 Module 15 Module 16 Each module takes one-word areas for input and output respectively, regardless of whether the module type is input or output. If a module for Data Allocation Mode 2 is used, the second channel data is not transmitted. An input module stores data in the output data area. The input data area is secured for the module but not used. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |