| Electronic Components Datasheet Search |
|
R5-NF1/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R5-NF1/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 6 page ![]() MODEL: R5-NF1 R5-NF1 SPECIFICATIONS ES-6134 Rev.4 Page 3/6 http://www.m-system.co.jp/ TRANSMISSION DATA DESCRIPTIONS The DIP SW located at the side of the module switches the unit's data allocation mode. The Data Allocation Mode 1 is used when all analog I/O modules are single-channel types. In this mode, one (1) word is assigned for one I/O module. The second channel on the dual-channel modules cannot be used. The Data Allocation Mode 2 is used when one or more analog I/O modules are dual-channel types. In this mode, two (2) words are assigned for one I/O module regardless of whether the second word area is required or not. For example, discrete I/O modules require only one (1) word, but two (2) words are automatically assigned to these modules. DATA ALLOCATION MODE 1 Total number of modules equal the assigned I/O points with Data Allocation Mode 1. I/O modules can be allocated from I/O Module Slot No. 1. When I/O signals are to be mixed, the former half slots are assigned to the inputs and the latter half are to the outputs. For example, if you have selected ‘8’ I/O points and ‘mixed’ I/O type, the inputs must be located among I/O Module Slot No. 1 through 4, and the output among No. 5 through 8. 4 I/O Points 4 2+2 8 4+4 16 8+8 Input Output Input Output Input Output 8 I/O Points 16 I/O Points 0 15 +0 Module 1 Module 2 +2 Module 3 Module 4 +4 Module 5 Module 6 +6 Module 7 Module 8 +8 Module 9 Module 10 +10 Module 11 Module 12 +12 Module 13 Module 14 +14 Module 15 Module 16 Begin Address Assigned No. of Input Output I/O Modules I/O Points Modules Modules Only Modules Only Mixed 4 4 4 4 2 + 2 8 8 8 8 4 + 4 16 16 16 16 8 + 8 64 Not selectable |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |