Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5-NF1/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R5-NF1/Q
Description  Remote I/O R5 Series T-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NF1/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R5-NF1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 5Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R5-NF1
R5-NF1 SPECIFICATIONS
ES-6134 Rev.4 Page 4/6
http://www.m-system.co.jp/
DATA ALLOCATION MODE 2
Total number of I/O modules are half the assigned I/O points
with Data Allocation Mode 2. I/O modules can be allocated
from I/O Module Slot No. 1.
When I/O signals are to be mixed, the former half slots are
assigned to the inputs and the latter half are to the outputs.
For example, if you have selected ‘8’ I/O points and ‘mixed’ I/
O type, the inputs must be located among I/O Module Slot
No. 1 through 2, and the output among No. 3 through 4.
With 64 I/O points assigned, the latter half (32 points) is not used with ‘Input Modules Only’ or ‘Output Modules Only’ type,
even though these areas are reserved in the PLC’s data area.
With ‘64 I/O points’ assigned and ‘I/O Modules Mixed’ type, the former 32 points (32 words) are assigned to the input and the
latter 32 points (32 words) are to the outputs. Only with this setting, I/O modules can be mixed and located in any slots.
0
15
4 I/O Points
4
2+2
8
4+4
16
8+8
Input
Output
Input
Output
Input
Output
8 I/O Points
16 I/O Points
32
32+32
Input
Output
64 I/O Points
+0
Module 1+0
Module 1+1
+2
Module 2+0
Module 2+1
+4
Module 3+0
Module 3+1
+6
Module 4+0
Module 4+1
+8
Module 5+0
Module 5+1
+10
Module 6+0
Module 6+1
+12
Module 7+0
Module 7+1
+14
Module 8+0
Module 8+1
+16
Module 9+0
Module 9+1
+18 Module 10+0
Module 10+1
+20 Module 11+0
Module 11+1
+22 Module 12+0
Module 12+1
+24 Module 13+0
Module 13+1
+26 Module 14+0
Module 14+1
+28 Module 15+0
Module 15+1
+30 Module 16+0
Module 16+1
+32
Module 1+0
Module 1+1
+60 Module 15+0
Module 15+1
+62 Module 16+0
Module 16+1
Begin
Address
Assigned
No. of
Input
Output
I/O Modules
I/O Points
Modules
Modules Only
Modules Only
Mixed
4
2
4
4
2 + 2
8
4
8
8
4 + 4
16
8
16
16
8 + 8
64
16
32
32
32 + 32



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com