Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M030GD2AE Datasheet(PDF) 49 Page - Nuvoton Technology Corporation

Part # M030GD2AE
Description  NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M030GD2AE Datasheet(HTML) 49 Page - Nuvoton Technology Corporation

Back Button M030GD2AE Datasheet HTML 45Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 46Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 47Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 48Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 49Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 50Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 51Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 52Page - Nuvoton Technology Corporation M030GD2AE Datasheet HTML 53Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
M030G/M031G Series
May 31, 2021
Page 49 of 118
Rev 1.00
6.2.6
SRAM Memory Organization
This chip supports embedded 4/8 Kbytes size SRAM:
Supports 4/8 Kbytes SRAM
Supports byte / half word / word write
Supports oversize response error
Figure 6.2-8 shows the M030G/M031G series SRAM organization. The address between 0x2000_2000
to 0x3FFF_FFFF is illegal memory space and chip will enter hardfault if CPU accesses these illegal
memory addresses.
0x2000_0000
0x3FFF_FFFF
8K byte
SRAM bank0
Reserved
8K byte device
4K byte
SRAM bank0
Reserved
4K byte device
0x2000_1000
0x2000_2000
Figure 6.2-8 SRAM Memory Organization
6.2.7
Chip Bus Matrix
This chip supports Bus Matrix to manage the access arbitration between masters. The access arbitration
uses round-robin algorithm as the bus priority.
Cortex
® -M0
PDMA
FLASH
SRAM
APB0
APB1
AHB
(ctrl)
M0
M1
S0
S1
S2
S3
S4
Figure 6.2-9 NuMicro® M030G/M031G Bus Matrix Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com