Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7ML-LC2-R/F1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7ML-LC2-R/F1
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-LC2-R/F1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7ML-LC2-R/F1 Datasheet HTML 1Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 2Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 3Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 4Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 5Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 6Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 7Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 2/40
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
• Common Specifications
Power input: 24 V DC ±10 %; ripple 10 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
Discrete I/O module
1500 V AC @ 1 minute (I/O to power)
500 V AC @ 1 minute (MECHATROLINK or FG to I/O or
power)
Analog I/O module
1500 V AC @ 1 minute (between each I/O, I/O to power)
500 V AC @ 1 minute (MECHATROLINK or FG to I/O or
power)
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Connection
Communication: MECHATROLINK connector
Power & I/O: M3 separable screw terminals
(torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Housing material: Flame-resistant resin (gray)
Status indicator LED: PWR (Refer to the instruction manual
for details)
■ Current Consumption & Weight
R7ML-DA16: Approx. 70 mA; 220 g (7.7 oz)
R7ML-DC16A: Approx. 85 mA; 220 g (7.7 oz)
R7ML-DC16B: Approx. 85 mA; 220 g (7.7 oz)
R7ML-DC16D: Approx. 85 mA; 220 g (7.7 oz)
R7ML-SV4: Approx. 70 mA; 220 g (7.7 oz)
R7ML-TS4: Approx. 70 mA; 220 g (7.7 oz)
R7ML-RS4: Approx. 70 mA; 250 g (8.8 oz)
R7ML-LC2: Approx. 130 mA; 250 g (7.7 oz)
R7ML-YV2: Approx. 100 mA; 200 g (7.0 oz)
R7ML-YS2: Approx. 130 mA; 200 g (7.0 oz)
R7ML-EA8: Approx. 10 mA; 90 g (3.2 oz)
R7ML-EA16: Approx. 20 mA; 150 g (5.3 oz)
R7ML-EC8A: Approx. 10 mA; 90 g (3.2 oz)
R7ML-EC16A: Approx. 30 mA; 150 g (5.3 oz)
R7ML-EC8B: Approx. 10 mA; 90 g (3.2 oz)
R7ML-EC16B: Approx. 30 mA; 150 g (5.3 oz)
R7ML-EC8D: Approx. 10 mA; 90 g (3.2 oz)
R7ML-EC16D: Approx. 20 mA; 150 g (5.3 oz)
■ Recommended solderless terminal (unit: mm(inch))
3.2 (.13) dia.
4 min.
(.16)
12 (.47) max.
3 (.12) max.
MECHATROLINK COMMUNICATION
■MECHATROLINK:
Mode: MECHATROLINK-I or II (data length 17 bype) or II
(32byte)
(Function selected with Rotary SW. Factory setting:
MECHATROLINK-II (17byte) )
Station address: 60H - 7FH
(Function selected with Rotary SW. Factory setting: 60H)
• MECHATROLINK-I
Baud rate: 4 Mbps
Transmission distance: 50 m max.
Distance between stations: 30 cm min.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6003-x-E, Yaskawa Controls Co., Ltd.)
Max. number of slaves: 15
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 2 msec. (fixed)
Data length: 17 byte
• MECHATROLINK-II
Baud rate: 10 Mbps
Transmission distance: 50 m max.
Distance between stations: 50 cm min.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6003-x-E, Yaskawa Controls Co., Ltd.)
Max. number of slaves: 30
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 0.5 msec., 1 msec., 1.5 msec., 2 msec.,
4 msec., 8 msec.
Data length: 17 bytes / 32 bytes selectable (Must choose
identical data size for all stations on one network)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com