Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7ML-LC2-R/F1 Datasheet(PDF) 21 Page - M-System Co.,Ltd.

Part # R7ML-LC2-R/F1
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-LC2-R/F1 Datasheet(HTML) 21 Page - M-System Co.,Ltd.

Back Button R7ML-LC2-R/F1 Datasheet HTML 17Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 18Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 19Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 20Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 21Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 22Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 23Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 24Page - M-System Co.,Ltd. R7ML-LC2-R/F1 Datasheet HTML 25Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 21/40
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Output Circuit
Control
Circuit
■ Output Circuit
10
17
18
1
YD
16 YB
0V
YF
15 Y9
14 Y7
13 Y5
12 Y3
11 Y1
9 YE
8 YC
7 YA
6 Y8
5 Y6
4 Y4
3 Y2
+24V
Y0
2
2
+24V
10
Y0
18 YF
1 0V
Control
Circuit
■ Output Connection Example
10
1
2
Y0
0V
+24V
18
YF
7
6
0V
24VDC
3
FG
*
*
*MECHATROLINK connectors are internally connected.
The network cable can be connected to either one.
Comm. Circuit
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com