Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4255CP-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4255CP-EBZ
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255CP-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4255CP-EBZ Datasheet HTML 35Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 36Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 37Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 38Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 39Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 40Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 41Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 42Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Data Sheet
ADA4255
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 64
INPUT AND OUTPUT OFFSET VOLTAGE AND
NOISE
The offset voltage of the ADA4255 has two main components: the
input offset voltage due to the input amplifiers and the output offset
due to the output amplifier. The total offset voltage RTI is found
by dividing the output offset by the programmed gain and adding
this value to the input offset voltage. At high gains, the input offset
voltage dominates, whereas at low gains, the output offset voltage
dominates. The total offset voltage is
Total Input Offset Voltage (RTI) =VOSI + (VOSO/GAIN)
Total Output Offset Voltage (Referred to Output (RTO)) =VOSI ×
Gain + VOSO
The preceding equations can also be used to calculate the offset
drift in a similar manner.
The noise of the ADA4255 behaves similarly to the voltage offset.
There are two components: the input voltage noise due to the input
amplifiers and the output voltage noise due to the output amplifiers.
The total noise RTI is found by dividing the output voltage noise by
the programmed gain and root-sum-squaring with the input voltage
noise. At high gains the input voltage noise dominates, whereas
at low gains the output voltage noise dominates. The total voltage
noise is
Total Input Voltage Noise  RTI  
= eni2+ enoGain 2 
(4)
Total Output Voltage Noise  RTO
= eni×Gain2+ eno2 
(5)
ADC CLOCK SYNCHRONIZATION
The ADA4255 incorporates several clock synchronization features
that allow the internal clock to be synchronized with other circuitry,
such as an ADC. Synchronizing the system filters residual ripple
due to the internal chopping of the ADA4255. When using these
synchronization features, GPIO4 is configured to accept an external
clock signal or output one of the internal clock signals.
When an external clock is provided to the ADA4255, an on-chip
clock divider is configured via the SYNC bits (Register SYNC_CFG)
to achieve a nominal 1 MHz clock. The 1 MHz clock is further
divided by 8 to 125 kHz and controls the device chopping. The
chopping clock edges can be configured to coincide with either
the rising or falling edges of the provided clock via SYNC_POL
bit (Register SYNC_CFG). This configuration is recommended for
ADC synchronization. The ADA4255, when configured to accept an
external clock, requires that this clock always be active and have a
duty cycle of 50% to maintain charge pump operation.
Alternatively, the internal clock can be output to GPIO4 so that
other circuits can use it. Either 1 MHz or 125 kHz can be selected
via the CLK_OUT_SEL bit (Register SYNC_CFG).
When the ADA4255 is driving the AD4007 1 MSPS successive
approximation register (SAR) ADC as shown in Figure 105, the rec-
ommended configuration is to provide the 50% duty cycle convert
signal to the ADA4255 as a clock input. In this case, SYNC is set to
0b000 because the CNV period is 1 μs. Set the SYNC_POL bit to
1 to synchronize the chopping clock to the rising edge of the CNV
signal. When configured in this way, the output of the ADA4255 has
the maximum time to settle after a chopping edge, and chopping
edges do not occur during the ADC conversion phase. It is recom-
mended to enable the high-Z mode of the AD4007 to maximize
system performance.
When the ADA4255 is driving the AD7768 Σ-Δ ADC as shown
in Figure 106, the recommended configuration is to provide the
internal 32 MHz clock of the AD7768 to the ADA4255 as a clock
input. In this case, SYNC is set to 0b101 to divide 32 MHz down
to 1 MHz for the ADA4255. The SYNC setting has no impact
on performance with Σ-Δ converters due to the way the convert-
ers operate internally. When driving the AD7768 directly with the
ADA4255, enable the internal buffers of the AD7768. Alternatively,
a dedicated ADC driver and amplifier can be configured between
the ADA4255 and the AD7768.
In both configurations, it is recommended that two reads from the
M_CLK_CNT register are performed to ensure that the master
clock counter is incrementing, indicating that the ADA4255 is re-
ceiving an external clock.
Figure 105. Clock Synchronization with the AD4007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com