Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4255CP-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4255CP-EBZ
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255CP-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4255CP-EBZ Datasheet HTML 4Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 5Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 6Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 7Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 8Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 9Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 10Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 11Page - Analog Devices ADA4255CP-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Data Sheet
ADA4255
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 64
TIMING SPECIFICATIONS
VDDCP = 5 V, AVDD = 5 V, AVSS = 0 V, DVDD = 3.3V, DVSS = 0 V, and VOCM = AVDD/2 V.
Table 2. Digital Values and Serial Peripheral Interface (SPI) Timing Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Maximum Clock Rate (SCLK)
5
MHz
Minimum Pulse Width (SCLK)
High
tPWH
75
ns
Low
tPWL
75
ns
SDI/SDO to SCLK Setup Time
tDS
10
ns
SDI/SDO to SCLK Hold Time
tDH
10
ns
Data Valid, SDO to SCLK
tDV
50
ns
Setup Time, CS to SCLK
tDCS
30
ns
Timing Diagrams
Figure 2. SPI Timing Diagram, MSB First
Figure 3. SPI Register Write Timing Diagram
Figure 4. SPI Register Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com