Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2575-5.0VAT Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC2575-5.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-5.0VAT Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC2575-5.0VAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
6
TC2575-1 3/13/00
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate voltage transients which can generate electro-
magnetic interferences (EMI) and affect the desired opera-
tion. As indicated in the Figure 2, to minimize inductance
and ground loops, the length of the leads indicated by heavy
lines should be kept as short as possible.
For best results, single–point grounding (as indicated)
or ground plane construction should be used.
On the other hand, the PCB area connected to the
Pin 2 (emitter of the internal switch) of the TC2575 should be
kept to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors
near to the regulator, when using the adjustable version of
the TC2575 regulator.
DESIGN PROCEDURE
Buck Converter Basics
The TC2575 is a “Buck” or Step–Down Converter which
is the most elementary forward–mode converter. Its basic
schematic can be seen in Figure 3.
The operation of this regulator topology has two distinct
time periods. The first one occurs when the series switch is
on, the input voltage is connected to the input of the inductor.
The output of the inductor is the output voltage, and the
rectifier (or catch diode) is reverse biased. During this
period, since there is a constant voltage source connected
across the inductor, the inductor current begins to linearly
ramp upwards, as described by the following equation:
IL (ON) =
(VIN – VOUT ) tON
L
During this “on” period, energy is stored within the core
material in the form of magnetic flux. If the inductor is
properly designed, there is sufficient energy stored to carry
the requirements of the load during the “off” period.
The next period is the “off” period of the power switch.
When the power switch turns off, the voltage across the
inductor reverses its polarity and is clamped at one diode
voltage drop below ground by the catch diode. Current now
flows through the catch diode thus maintaining the load
current loop. This removes the stored energy from the
inductor. The inductor current during this time is:
IL (OFF) =
(VOUT – VD ) tOFF
L
This period ends when the power switch is once again
turned on. Regulation of the converter is accomplished by
varying the duty cycle of the power switch. It is possible to
describe the duty cycle as follows:
d = tON , where T is the period of switching.
T
For the buck converter with ideal components, the duty
cycle can also be described as:
d = VOUT
VIN
Figure 4 shows the buck converter idealized waveforms
of the catch diode voltage and the inductor current.
Figure 3. Basic Buck Converter
COUT+
VOUT
RLOAD
+
–
VIN
D1
Power Switch
L
Figure 4. Buck Converter Idealized Waveforms
Time
VD/(FWD)
Power
Switch
Off
Power
Switch
Diode
Power
Switch
Power
Switch
Off
VON (SW)
Power
Switch
On
Power
Switch
On
Time
IMIN
Diode
ILOAD (AV)
IPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com