Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2575-5.0VAT Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC2575-5.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-5.0VAT Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC2575-5.0VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 14Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
10
TC2575-1 3/13/00
Procedure (Adjustable Output Version: TC2575-ADJ) (Continued)
Procedure
Example
5. Output Capacitor Selection (COUT )
A. Since the TC2575 is a forward–mode switching regulator
with voltage mode control, its open loop 2–pole–1–zero
frequency characteristic has the dominant pole–pair
determined by the output capacitor and inductor values.
For stable operation, the capacitor must satisfy the
following requirement:
COUT ≥ 7.785
VIN(max)
[
µF]
VOUT x L [µF]
B. Capacitor values between 10
µF and 2000µF will satisfy
the loop requirements for stable operation. To achieve an
acceptable output ripple voltage and transient response,
the output capacitor may need to be several times larger
than the above formula yields.
C. Due to the fact that the higher voltage electrolytic capaci-
tors generally have lower ESR (Equivalent Series
Resistance) numbers, the output capacitor’s voltage
rating should be at least 1.5 times greater than the output
voltage. For a 5.0V regulator, a rating of at least 8.0V is
appropriate, and a 10V or 16V rating is recommended.
5. Output Capacitor Selection (COUT )
A.
COUT ≥ 7.785
12
= 53
µF
8 x 220
To achieve an acceptable ripple voltage, select
COUT 100µF electrolytic capacitor.
Table 1. Inductor Selection Guide
Inductor Code
Inductor Value
Pulse Eng
Renco
AIE
Tech 39
L100
100
µHPE–92108
RL2444
415–0930
77 308 BV
L150
150
µHPE–53113
RL1954
415–0953
77 358 BV
L220
220
µHPE–52626
RL1953
415–0922
77 408 BV
L330
330
µHPE–52627
RL1952
415–0926
77 458 BV
L470
470
µHPE–53114
RL1951
415–0927
–
L680
680
µHPE–52629
RL1950
415–0928
77 508 BV
H150
150
µH
PE–53115
RL2445
415–0936
77 368 BV
H220
220
µHPE–53116
RL2446
430–0636
77 410 BV
H330
330
µHPE–53117
RL2447
430–0635
77 460 BV
H470
470
µHPE–53118
RL1961
430–0634
–
H680
680
µHPE–53119
RL1960
415–0935
77 510 BV
H1000
1000
µHPE–53120
RL1959
415–0934
77 558 BV
H1500
1500
µHPE–53121
RL1958
415–0933
–
H2200
2200
µHPE–53122
RL2448
415–0945
77 610 BV
Note: *Contact Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com