Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS5A3359 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3359
Description  1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS5A3359 Datasheet HTML 9Page - Texas Instruments TS5A3359 Datasheet HTML 10Page - Texas Instruments TS5A3359 Datasheet HTML 11Page - Texas Instruments TS5A3359 Datasheet HTML 12Page - Texas Instruments TS5A3359 Datasheet HTML 13Page - Texas Instruments TS5A3359 Datasheet HTML 14Page - Texas Instruments TS5A3359 Datasheet HTML 15Page - Texas Instruments TS5A3359 Datasheet HTML 16Page - Texas Instruments TS5A3359 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TS5A3359
1 W SP3T ANALOG SWITCH
5V/3.3V SINGLECHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS214 – OCTOBER 2005
www.ti.com
13
−100
−80
−60
−40
−20
0
Figure 13. OFF Isolation vs Crosstalk
Frequency (MHz)
0.1
1
1000
10
100
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
Figure 14. Total Harmonic Distortion
vs Frequency
Frequency (kHz)
0.01
0.1
100
110
Figure 15. Power-Supply Current vs Temperature
(V+ = 5 V)
TA (5C)
0
20
40
60
80
100
120
140
160
180
−60
−40
−20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com