Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS5A3359 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3359
Description  1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TS5A3359 Datasheet HTML 13Page - Texas Instruments TS5A3359 Datasheet HTML 14Page - Texas Instruments TS5A3359 Datasheet HTML 15Page - Texas Instruments TS5A3359 Datasheet HTML 16Page - Texas Instruments TS5A3359 Datasheet HTML 17Page - Texas Instruments TS5A3359 Datasheet HTML 18Page - Texas Instruments TS5A3359 Datasheet HTML 19Page - Texas Instruments TS5A3359 Datasheet HTML 20Page - Texas Instruments TS5A3359 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TS5A3359
1 W SP3T ANALOG SWITCH
5V/3.3V SINGLECHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS214 – OCTOBER 2005
www.ti.com
17
V+
GND
VBIAS
VI
VI = V+ or GND
VBIAS = V+ or GND
Capacitance is measured at NO,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNO
COM
IN
NO0
NO1 - NO2
Figure 19. Capacitance (CI, CCOM(ON), CNO(OFF), CCOM(OFF), CNO(ON))
CL(2)
RL
VCOM
V+
GND
NO0
VNO
VI
COM
Logic
Input(1)
V+
VCOM
50
Ω
RL
CL
35 pF
tON
TEST
V+
50
Ω
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
( VNO)
0
CL(2)
RL
IN
NO1 - NO2
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
Figure 20. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
VNO
VI
COM
VCOM
CL(2)
RL
tBBM
50%
90%
90%
VNO = V+
RL = 50 Ω
CL = 35 pF
Logic
Input(1)
Logic
Input
(VI)
Switch
Output
(VCOM)
V+
0
IN
NO0
NO1 - NO2
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
Figure 21. Break-Before-Make Time (tBBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com