Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD1025LEVB1 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1025LEVB1
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB1 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1025LEVB1 Datasheet HTML 9Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 10Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 11Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 15Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Datasheet Rev. K, May 2020
│ Subject to changewithout notice
- 13 of 26-
www.qorvo.com
Measured Load-Pull Smith Charts at 50V 1, 2, 3
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See
”Pin Configuration and Description” for load pull reference planes where the performance was measured.
4.
1GHz, Load-pull
58.3
57.9
57.3
56.7
56.1
55.7
18.6
18.1
17.6
17.1
16.6
75.6
74.6
72.6
70.6
69.6
68.6
67.6
• Max Power is 58.6dBm
at Z = 1.22-0.82i
= -0.3701-0.2662i
• Max Gain is 18.9dB
at Z = 1.44+1.39i
= -0.2307+0.3853i
• Max DEff is 75.8%
at Z = 2.09+0.99i
= -0.1358+0.2209i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 0.78-2.03i
Zs(2fo) = 0.88-4.24i
Zs(3fo) = 0.75-1.61i
Zl(2fo) = 0.68+0.77i
Zl(3fo) = 1.13+0.37i
Power
Gain
DEFF
58.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com