Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD1025LEVB1 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QPD1025LEVB1
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB1 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QPD1025LEVB1 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 17Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 18Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 19Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 20Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 21Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 22Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 23Page - Qorvo, Inc QPD1025LEVB1 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Datasheet Rev. K, May 2020
│ Subject to changewithout notice
- 20 of 26-
www.qorvo.com
1.0
– 1.1 GHz Application Circuit EVB1 – Layout1, 2
Notes
:
1.
PCB material is RO4350B 0.020” thick, 2 oz. copper each side.
2.
The two gates could be tied together or (optionally) adjusted independently.
3.
4.
1.0
– 1.1 GHz Application Circuit – Bill of Material EVB1
Reference Design
Value
Qty
Manufacturer
Part Number
U1
1
QORVO
QPD1025L
C1,C5,C8
8.2pF
3
American Technical Ceramics
600S8R2BT250XT
C11,C12,C13,C14
10pF
4
American Technical Ceramics
100B100JW500XT
C15,C18
5.6pF
2
American Technical Ceramics
100B5R6CT500XT
C16,C17,C28,C29
6.8pF
4
American Technical Ceramics
800B6R8CT500XT
C19,C20
56pF
2
American Technical Ceramics
800B560JT500XT
C2
0.7pF
1
American Technical Ceramics
800B560JT500XT
C21,C22,C27
6.8pF
3
American Technical Ceramics
100B100JW500XT
C24,C25
10uF
2
TDK Signapore PDE LTD
C5750X7S2A106M230KB
C3,C4
20pF
2
American Technical Ceramics
600S200FT250XT
C30
3pF
1
American Technical Ceramics
800B3R0BT500XT
C31,C32
680uF
2
Vishay Americas Inc
MAL215099708E3
5.6pF
2
American Technical Ceramics
600S5R6BW250XT
C9,C10
4.7uF
2
Murata Electronics
GRM31CR71H475KA12L
L1,L2
110nH
2
Coilcraft, Inc
0805CS-111XJBC
R1
47
1
Panasonic Industrial Devices
KTR03EZPF47R0
R2,R3
10
2
Vishay Dale Electronics
CRCW060310R0FKEA
Connector
N type F/M
1
Huber+Suhner, Inc
23_N-50-0-33/133_NE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com