Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD70224 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD70224
Description  IdealBridge??Dual MOSFET-Based Bridge Rectifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 11Page - Microchip Technology PD70224 Datasheet HTML 12Page - Microchip Technology PD70224 Datasheet HTML 13Page - Microchip Technology PD70224 Datasheet HTML 14Page - Microchip Technology PD70224 Datasheet HTML 15Page - Microchip Technology PD70224 Datasheet HTML 16Page - Microchip Technology PD70224 Datasheet HTML 17Page - Microchip Technology PD70224 Datasheet HTML 18Page - Microchip Technology PD70224 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Figure 4-4. Bottom Layer Copper and Vias for Thermal Pad Array (mm)
Note:  The contract manufacturer has latitude to modify the solder paste stencil for manufacturability reasons. The
solder paste stencil covers 65% to 80% of the thermal pad and should not allow solder to be applied to the thermal
vias under the QFN package using any method they deem appropriate. At the pin, the dimension of the paste mask
should be 5-10% smaller than the PCB copper feature. Minimize the extension of the solder mask outside the edge of
the package. Any design should be subject to system validation and qualification prior to commitment to mass
production of field deployment. Use a 5 mil stencil.
PD70224
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003575C-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com