Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8-TC2P/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R8-TC2P/Q
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2P/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R8-TC2P/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 6/7
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
[3(.12)]
[4(.16)]
24(.94)
[59(2.32)]
55(2.17)
DIN RAIL (35 mm wide)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
4
3
1
2
4
3
INPUT CONNECTOR 1
INPUT CONNECTOR 2
INTERNAL POWER
INTERNAL BUS
EXC. SUPPLY
SW3
1
2
4
3
INPUT CONNECTOR 3
CT1
1
2
4
3
INPUT CONNECTOR 4
CT2
SW4
1
2
4
3
OUTPUT CONNECTOR 1
OUTPUT CONNECTOR 2
1
2
4
3
*2
*1
*1. The power supply for control circuit, which is non-isolated from internal power.
*2. The power supply for output 1 and output 2, which is isolated from the Exc. supply and the internal power.
Pv1
UNIVERSAL INPUT 1
Pv2
UNIVERSAL INPUT 2
Mv1
CONTROL OUTPUT
Mv2
CONTROL OUTPUT
Input
Logic A/D
Converter
DIP SW
Control
Circuit
Power
Circuit
Comm.
Circuit
Isolation
Isolation
Isolation
Isolation
CJC
Sensor
CJC
Sensor
Output
circuit
Output
circuit
STATUS
INDICATOR
LED
INPUT
STATUS
LEDs
Input
Logic A/D
Converter
Input
Logic A/D
Converter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com