Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8-TC2P/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R8-TC2P/Q
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2P/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R8-TC2P/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2P/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 7/7
http://www.m-system.co.jp/
CT
k
l
A
B
max.
min.
+
−
+
+
+
−
−
−
2
1
3
4
A
NC
2
1
3
4
NC
NC
B
B
NC
NC
NC
NC
NC
NC
NC
NC
NC
–
2
1
3
4
2
1
3
4
1
2
3
4
1
2
3
4
1
2
3
4
1
2
3
4
INPUT
INPUT
CONTROL OUTPUT
•DC Voltage (-10 – +10V DC)
•DC Current (0 – 20mA DC)
•Thermocouple
•RTD/Resistor (2-wire)
•RTD/Resistor (3-wire)
•Potentiometer
comp. leadwire
•DC Voltage (-1000 – +1000mV DC)
■ CONTROL OUTPUT (Mv1, Mv2) CONNECTION e.g.
■ UNIVERSAL INPUT (Pv1, Pv2) CONNECTION e.g.
•Clamp-on current Sensor
■ CT INPUT (CT1, CT2) CONNECTION e.g.
T/C
+
-
NC
NC
LOAD
SOURCE
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com