Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9501-10GC/AC-US Datasheet(PDF) 2 Page - Microchip Technology

Part # PD-9501-10GC/AC-US
Description  Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501-10GC/AC-US Datasheet(HTML) 2 Page - Microchip Technology

  PD-9501-10GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9501-10GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the
U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 6/21
DS00003362C
Technical Support
For technical support please visit the Microchip Technical Support Portal www.microchip.com/support.
Ordering Information
Part Number
Product Name
Description
PD-9501-10GC/AC-XX
PD-9501-10GC/AC-EU European Union Power Cord
PD-9501-10GC/AC-JP Japan Power Cord
PD-9501-10GC/AC-UK United Kingdom Power Cord
PD-9501-10GC/AC-US United States Power Cord
PD-9501-10GC/AC
Single-Port, 10 Gbps, IEEE 802.3bt Type3
60W, Indoor PoE Midspan
Contact Microchip for other options
About Microchip mPoE
Microchip multi-Power over Ethernet (mPoE) is a technology that powers any wired network
device seamlessly and efficiently, making it the ideal solution for Ethernet-based applications.
Leveraging a uniquely designed algorithm, this technology solves interoperability issues
between different PoE standards and legacy solutions to provide an international network
power standard. As a pioneer in PoE technology, we offer a comprehensive end-to-end portfo-
lio of PoE solutions comprised of PoE ICs and PoE systems (midspans/injectors and switches).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com