Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9501-10GC/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9501-10GC/AC-US
Description  Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501-10GC/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-9501-10GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9501-10GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9501-10GC Midspan
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
Key Features
• IEEE 802.3bt Type 3 standard compliant
• IEEE 802.3af/at backward compatible
• Guaranteed output power: 60W
• Supports 10/100/1000Base-T and 2.5/5/10 Gbps
• Safe: low-power devices receive only the power
they need
• Automatic detection and protection of non–stan-
dard Ethernet terminals
• Compact design fits easily in WLAN access point
and IP cameras installation
microchip.com
Summary
The Microchip PD-9501-10GC is a single-port,
high-power solution for remote powering
of current and emerging high-power indoor
applications. Generating 60W over 4 pair, the
PD-9501-10GC enables remote power for a
new range of applications including 802.11ac
access points, Pan-Tilt Zoom (PTZ) cameras
and videophones.
PD-9501-10GC complies with IEEE 802.3bt
Type 3 PoE standard and is backward compat-
ible to IEEE 802.3af/at standard. It can power
both existing 10/100/1000Base-T network
devices and emerging wireless 10 Gbps
devices such as wireless IEEE 802.11ac access
points.
Specifications
Feature
Description
Number of Ports
1
Data Rate
10/100/1000 Mbps, 2.5/5/10 Gbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current: 1.5A @ 100 Vac
AC Frequency: 50 to 60 Hz
Output Power
60 Watts
Power over Ethernet
Output
Data Pairs 1/2 (-), 3/6 (+)
Spare Pairs 7/8 (-), 4/5 (+)
Output Power Voltage: 55 Vdc nominal
Dimensions
L x W x H
176 mm x 67 mm x 38.3 mm
6.93 in. x 2.64 in. x 1.51 in
Net Weight
330g (0.73 lbs)
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Yellow
Channel Power Indication
2 Pair - Blue
4 Pair - Green
Environmental
Conditions
Operating Ambient Temperature: 32⁰F to 104⁰F (0⁰C to +40⁰C)
Operating Humidity: 90% Maximum Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity:95% maximum, Non-condensing
Operating Altitute: –1000 to 10,000 ft. (–304.8 to 3048 m)
Hazardous Substances
CE, WEEE
Warranty
1 year
Extended Warranty
Available
No
Reliability
MTBF: 200,000 hrs. @ 25ºC
Thermal Rating
36 BTU/Hr
Regulatory Compliance
IEEE 802.3bt Type 3
Electromagnetic
Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please consult Microchip for a complete list of certifications


Similar Part No. - PD-9501-10GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9501DC MICROCHIP-PD-9501DC Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501G-AC MICROSEMI-PD-9501G-AC Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
PD-9501G-SFP MICROSEMI-PD-9501G-SFP Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
More results

Similar Description - PD-9501-10GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9001-10GC MICROCHIP-PD-9001-10GC Datasheet
459Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9501GCO MICROCHIP-PD-9501GCO Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com