Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3971 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 30Page - National Semiconductor (TI) LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) LP3971 Datasheet HTML 33Page - National Semiconductor (TI) LP3971 Datasheet HTML 34Page - National Semiconductor (TI) LP3971 Datasheet HTML 35Page - National Semiconductor (TI) LP3971 Datasheet HTML 36Page - National Semiconductor (TI) LP3971 Datasheet HTML 37Page - National Semiconductor (TI) LP3971 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LP3971 Controls (Continued)
to be active low or high (SPARE bit, Default is active low ‘1’).
A reason for wakeup event can be read through I
2C compat-
ible interface also. Additionally wakeup inputs have 30 ms
de-bounce filtering. Furthermore PWR_ON have distinguish-
ing between short and long (
∼1s) pulses (push button input).
LP3971 also has an internal Thermal Shutdown early warn-
ing that generates a wakeup to the system also. This is
generated usually at 125˚C.
20180719
WAKEUP Register Bits
Reason for WAKEUP
WUP0
SPARE
WUP1
TEST_JIG
WUP2
PWR_ON Short Pulse
WUP3
PWR_ON Long Pulse
TSD_EW
TSD Early Warning
INTERNAL THERMAL SHUTDOWN PROCEDURE
Thermal shutdown is build to generate early warning (typ.
125˚C) which triggers the EXT_WAKEUP for the processor
acknowledge. When a thermal shutdown triggers (typ.
160˚C) the PMU will reset the system until the device cools
down.
BATTERY SWITCH AND BACK UP BATTERY CHARGER
When Back-Up battery is connected but main battery re-
moved or voltage too low, LP3971 uses Back-Up Battery for
generating LDO_RTC voltage. When Main Battery is avail-
able the battery switch changes main battery for LDO_RTC
voltage. When Main battery voltage is too low or removed
nBATT_FLT is asserted to system acknowledge. If no back
up battery exists, the battery switch to back up can be
switched off by nBU_BAT_EN bit. User can set the battery
fault determination voltage and battery charger termination
voltage via I
2C compatible interface. Enabling of back up
battery
charger
can
be
done
via
serial
interface
(nBAT_CHG_EN)
or
external
charger
enable
pin
(nCHG_EN). Pin 29 is set as external charger enable input
by default.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com