Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3971 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3971 Datasheet HTML 1Page - National Semiconductor (TI) LP3971 Datasheet HTML 2Page - National Semiconductor (TI) LP3971 Datasheet HTML 3Page - National Semiconductor (TI) LP3971 Datasheet HTML 4Page - National Semiconductor (TI) LP3971 Datasheet HTML 5Page - National Semiconductor (TI) LP3971 Datasheet HTML 6Page - National Semiconductor (TI) LP3971 Datasheet HTML 7Page - National Semiconductor (TI) LP3971 Datasheet HTML 8Page - National Semiconductor (TI) LP3971 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LP3971
Power Management Unit for Advanced Application
Processors
General Description
The LP3971 is a multi-function, programmable Power Man-
agement Unit, designed especially for advanced application
processors. The LP3971 is optimized for low power hand-
held applications and provides 6 low dropout, low noise
linear regulators, three DC/DC magnetic buck regulators, a
back-up battery charger and two GPIO’s. A high speed serial
interface is included to program individual regulator output
voltages as well as on/off control.
Key Specifications
Buck Regulators
n
Programmable V
OUT from 0.8 to 3.3V
n
Up to 95% efficiency
n
Up to 1.6A output current
n ±
3% output voltage accuracy
LDO’s
n
Programmable V
OUT of 1.0V–3.3V
n ±
3% output voltage accuracy
n
150/300/370 mA output currents
— LDO RTC30mA
— LDO 1 300 mA
— LDO 2 150 mA
— LDO 3 150 mA
— LDO 4 150 mA
— LDO 5 370 mA
n
100 mV (typ) dropout
Features
n
Compatible with advanced applications processors
requiring DVM (Dynamic Voltage Management)
n
Three buck regulators for powering high current
processor functions or I/O’s
n
6 LDO’s for powering RTC, peripherals, and I/O’s
n
Backup battery charger with automatic switch for
lithium-manganese coin cell batteries and Super
capacitors
n
I
2C compatible high speed serial interface
n
Software control of regulator functions and settings
n
Precision internal reference
n
Thermal overload protection
n
Current overload protection
n
Tiny 40-pin 5x5 mm LLP package
Applications
n
PDA phones
n
Smart phones
n
Personal Media Players
n
Digital cameras
n
Application processors
— Intel Xscale
— Freescale
— Samsung
January 2006
© 2006 National Semiconductor Corporation
DS201807
www.national.com


Similar Part No. - LP3971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-2G16/NOPB TI1-LP3971SQ-2G16/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-7848/NOPB TI1-LP3971SQ-7848/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-B410/NOPB TI1-LP3971SQ-B410/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
More results

Similar Description - LP3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
PRODUCT BRIEF High Performance Power Management Unit for Application Processors
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com