Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS6624 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 1 Page - STMicroelectronics

  VS6624 Datasheet HTML 1Page - STMicroelectronics VS6624 Datasheet HTML 2Page - STMicroelectronics VS6624 Datasheet HTML 3Page - STMicroelectronics VS6624 Datasheet HTML 4Page - STMicroelectronics VS6624 Datasheet HTML 5Page - STMicroelectronics VS6624 Datasheet HTML 6Page - STMicroelectronics VS6624 Datasheet HTML 7Page - STMicroelectronics VS6624 Datasheet HTML 8Page - STMicroelectronics VS6624 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2006
Rev 1
1/100
1
VS6624
1.3 Megapixel Mobile Camera Module
Features
■ 1280H x 1024V active pixels
■ 3.0 µm pixel size, 1/3 inch optical format
■ RGB Bayer color filter array
■ Integrated 10-bit ADC
■ Integrated digital image processing functions,
including defect correction, lens shading
correction, image scaling, demosaicing,
sharpening, gamma correction and color space
conversion
■ Embedded camera controller for automatic
exposure control, automatic white balance
control, black level compensation, 50/60 Hz
flicker cancelling and flashgun support
■ Fully programmable frame rate and output
derating functions
■ Up to 15 fps SXGA progressive scan
■ Low power 30fps VGA progressive scan
■ ITU-R BT.656-4 YUV (YCbCr) 4:2:2 with
embedded syncs, YUV (YCbCr) 4:0:0, RGB
565, RGB 444, Bayer 10-bit or Bayer 8-bit
output formats
■ 8-bit parallel video interface, horizontal and
vertical syncs, 54MHz (max) clock
■ Two-wire serial control interface
■ On-chip PLL, 6.5 to 54 MHz clock input
■ Analog power supply, from 2.4 to 3.0 V
■ Separate I/O power supply, 1.8 or 2.8 V levels
■ Integrated power management with power
switch, automatic power-on reset and power-
safe pins
■ Low power consumption, ultra low standby
current
■ Triple-element plastic lens, F# 3.2, 52°
Horizontal field of view
■ 8.0 x 8.0 x 6.1mm fixed focus camera module
with embedded passives
■ 20-wire FPC attachment with board-to-board
connector, 22 mm total length
■ 24-pin (ITU) shielded socket options
Description
The VS6624 is an SXGA CMOS color digital
camera featuring low size and low power
consumption targeting mobile applications. This
complete camera module is ready to connect to
camera enabled baseband processors, back-end
IC devices or PDA engines.
Applications
■ Mobile phone
■ PDA
Ordering codes
Part number
Description
VS6624P0LP
SMOP2 VGA 8x8, flex
VS6624Q0KP
SMOP2 VGA 8x8, socket
www.st.com


Similar Part No. - VS6624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6624 STMICROELECTRONICS-VS6624 Datasheet
2Mb / 106P
1.3 Megapixel single-chip camera module
02-Jul-2007
VS6624P0LP STMICROELECTRONICS-VS6624P0LP Datasheet
2Mb / 106P
1.3 Megapixel single-chip camera module
02-Jul-2007
VS6624Q0KP STMICROELECTRONICS-VS6624Q0KP Datasheet
2Mb / 106P
1.3 Megapixel single-chip camera module
02-Jul-2007
More results

Similar Description - VS6624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
2 Megapixel SMIA Camera Module
21-Sep-2005
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
1.0 Megapixel SMIA Camera Module
Oct-2004
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
0.5 Megapixel Camera Module
Oct-2004
VS6724 STMICROELECTRONICS-VS6724 Datasheet
1Mb / 118P
2 Megapixel single-chip camera module
03-Jul-2007
VL6624 STMICROELECTRONICS-VL6624 Datasheet
2Mb / 106P
1.3 Megapixel single-chip camera module
02-Jul-2007
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
1.3 megapixel camera module
19-Oct-2015
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
1.3 megapixel camera module
09-Sep-2015
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
5.1 megapixel EDOF camera module
05-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com