| Electronic Components Datasheet Search |
|
VS6624 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 100 page ![]() VS6624 Output data formats Rev 1 25/100 Manipulation of RGB data It is possible to modify the encapsulation of the RGB data in a number of ways: ● swap the location of the RED and BLUE data ● reverse the bit order of the individual color channel data ● reverse the order of the data bytes themselves Dithering An optional dithering function can be enabled for each RGB output mode to reduce the appearance of contours produced by RGB data truncation. This is enabled through the DitherControl register. Bayer 8-bit The ITU protocol allows the encapsulation of various data formats over the link. The following data formats are also proposed encapsulated in ITU601-656 protocol: ● RAW 8-bit bayer ● Truncated from 10-bit ● DPCM encoded from 10-bit This is done as described in Figure 10. In this output mode the output data per pixel is a single byte. Therefore the output PCLK and data rate is halved. It is possible to reverse the overall bit order of the individual bayer pixels through a register programming. Note: False synchronization codes are avoided in the LSByte by adding or subtracting a value of one, dependent on detection of a 0 code or 255 code respectively. Figure 10. Bayer 8 output F F 0 0 0 0 X Y EAV Code START OF DIGITAL ACTIVE LINE D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 8-bit Bayer F F 0 0 0 0 X Y where: LSBn = Bayern[7:0] L S B0 L S B1 L S B2 L S B3 L S B4 L S B5 L S B6 L S B7 L S B8 L S B9 L S B10 L S B11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |