Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05JB4 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
GENERAL DESCRIPTION
MOTOROLA
REV 2
1-7
1.4.8 PB0-PB4
These five I/O lines comprise Port-B. PB0 to PB4 are push-pull pins with internal
pull-up resistors. The state of any pin is software programmable and all Port B
lines are configured as inputs during power-on or reset. The internal pull-up resis-
tor is software enable. In addition, all Port-B pins have Slow Falling Edge Control
which is enabled by software. PB0 can be used as the input capture pin when the
input capture function is enabled on the 16-bit Timer. PB0 has built-in schmitt trig-
gered input. When the ADC function is enabled, PB3 and PB4 can be used as
extra two analog input channels (AD4 and AD5 respectively) to the ADC.
1.4.9 PC0-PC5
These six I/O lines comprise Port-C. PC0 to PC5 are push-pull pins. The state of
any pin is software programmable and all Port C lines are configured as inputs
during power-on or reset. When the ADC function is enabled, PC0 thru PC3
become the four analog input channels to the ADC and PC4 and PC5 become the
analog “High” and “Low” reference voltages to the ADC respectively.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com