Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMT550-R200-2EP1-IO-V1 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OMT550-R200-2EP1-IO-V1
Description  Distance sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT550-R200-2EP1-IO-V1 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OMT550-R200-2EP1-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Assembly
Q1B
Switching output 1/switch point B
Q1A
Switching output 1/switch point A
Q2A
Switching output 2/switch point A
Q2B
Switching output 2/switch point B
0
Keylock
1
Mode rotary switch
2
Teach-in button
3
Switching output display Q2
4
Switching output display Q1
5
Operating indicator
1
2
3
4
5
0
YE
YE
GN
Accessories
V1-G-2M-PUR
Female cordset single-ended M12 straight A-coded, 4-pin, PUR cable grey
V1-W-2M-PUR
Female cordset single-ended M12 angled A-coded, 4-pin, PUR cable grey
IO-Link-Master02-USB
IO-Link master, supply via USB port or separate power supply, LED indicators, M12 plug for sensor
connection
OMH-MLV12-HWK
Mounting bracket for series MLV12 sensors
OMH-R200-01
Mounting aid for round steel ø 12 mm or sheet 1.5 mm ... 3 mm
OMH-R20x-Quick-Mount Quick mounting accessory
OMH-MLV12-HWG
Mounting bracket for series MLV12 sensors
Distance sensor
OMT550-R200-2EP1-IO-V1
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com