Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMT550-R200-2EP1-IO-V1 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # OMT550-R200-2EP1-IO-V1
Description  Distance sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT550-R200-2EP1-IO-V1 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  OMT550-R200-2EP1-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OMT550-R200-2EP1-IO-V1 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OMT550-R200-2EP1-IO-V1
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Distance sensor
Table 1: Information on Measured Value Filters
Teach-In (TI)
Use the rotary switch for switching signal Q1 or Q2 to select the relevant switching threshold A and/or B to teach in.
• The yellow LEDs indicate the current state of the selected output.
To teach in a switching threshold, press and hold the "TI" button for approximately 1 s, until the yellow and green LEDs flash in
phase. Teach-in starts when the "TI" button is released.
• Teach-in successful: the yellow and green LEDs flash alternately at 2.5 Hz.
• Teach-in unsuccessful: the yellow and green LEDs quickly flash alternately at 8 Hz.
After an unsuccessful Teach-in, the sensor continues to operate with the previous valid setting after the relevant visual fault
signal is issued.
Set switching mode: you can define different switching modes by teaching in the relevant distance data for switching thresholds
A and B.
1. Single point mode:
2. Window mode:
Teach in switching thresholds: you can teach in or overwrite a taught-in switching threshold at any time. To do this, press the "TI"
button again.
Reset a value: you can reset a taught-in value. To do this, press the "TI" button for > 4 s, until the yellow and green LEDs go out.
The reset process itself starts when the "TI" button is released.
• Reset successful: the yellow and green LEDs flash alternately at 2.5 Hz.
Resetting to Factory Settings
To revert back to factory settings, press the "TI" button for > 10 s with the rotary switch set to position "O," until the yellow and
green LEDs go out at the same time. The reset process itself starts when the "TI" button is released.
• Reset to factory settings successful: the yellow and green LEDs light up at the same time. The sensor then continues to
operate with factory settings.
OMT
• Factory setting for switching signal Q1:
Switching signal is high active, window mode
• Factory setting for switching signal Q2:
Switching signal is high active, window mode
Technical Features
Measured value filter
Filter
1-way
2-way
4-way
16-way
64-way
256-way
Response time (ms)
2
4
8
32
128
512
Repeatability (%)
< 1 %
Commissioning
A
no load
B
no load
B
A
BA
A > B
AB
B > A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com