Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7101CLTK2/T0BC2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # A7101CLTK2/T0BC2
Description  Plug & Trust Secure Element
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A7101CLTK2/T0BC2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button A7101CLTK2/T0BC2 Datasheet HTML 2Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 3Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 4Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 5Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 6Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 7Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 8Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 9Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
512330
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 10 September 2020
512331
6 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element
5.
Ordering information
5.1 Ordering options
[1]
a = A or C, g = G, C or A, according to the A71CL type classification see Section 2.1 “A71CL naming conventions”
Table 3 gives an overview of available A71CL product types.
[1]
HN1, according the A71CL type classification see Section 2.1 “A71CL naming conventions”
[1]
product can be made available, please consult our sales for more details
5.1.1 Ordering A71CL samples
Samples can be ordered from NXP Semiconductors from the NXP website.
Note that NXP Semiconductors can provide up to 5 pieces free of charge. Larger
quantities have to be ordered separately.
Table 2.
Ordering information
Type number[1]
Package
Name
Description
Version
A7101agTK2/...
HVSON-8
plastic thermal enhanced very thin small outline package; no leads; 8
terminals; body 4 × 4 × 0.85 mm
SOT909-1
A7102agTK2/...
Table 3.
A71CL feature table
Product type[1]
Operational ambient temperature
Interface option
A7101CLpp(p)
−25 °C to +85 °C
I2C
A7102CLpp(p)
−40 °C to +90 °C
Table 4.
A71CL type description
Orderable type
Product type number
12NC
Operational
ambient
temperature
Description
A7101CLTK2/T0BC2—[1]
A7101CLTK2/T0BC2BY
935380944118
−25 °C to +85 °C Customer Programmable[1]
A7101CLTK2/T0BC27J
A7101CLTK2/T0BC27F
935372576118
−25 °C to +85 °C Baidu Cloud credential
A7102CLTK2/T0BC2AJ[1] A7102CLTK2/T0BC2XQ
935379153118
−40 °C to +90 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com