Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7101CLTK2/T0BC2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # A7101CLTK2/T0BC2
Description  Plug & Trust Secure Element
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A7101CLTK2/T0BC2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button A7101CLTK2/T0BC2 Datasheet HTML 3Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 4Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 5Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 6Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 7Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 8Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 9Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 10Page - NXP Semiconductors A7101CLTK2/T0BC2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
512330
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 10 September 2020
512331
7 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element
6.
Functional description
6.1 I2C Interface
The A71CL uses I2C as communication interface as described in the following section.
The A71CL commands are wrapped using the Smartcard I2 protocol (SCI2C). The
detailed documentation for the A71CL commands in the APDU Specification and SCI2C
encapsulation (Ref. 3) is available in NXP DocStore.
The A71CL has an I2C interface in slave mode, supporting data rates up to 400 kbit/s
operating in Fast-Mode (FM). The I2C interface is using the Smartcard I2C protocol as
defined in Ref. 3 which is based on SMBus. Depending on the interface pins state at boot,
see Section 7 for more details. The default I2C address after power-on-reset depends on
the bootup condition as shown in Table 5.
6.2 Automatic Communication Mode detection at Power on
The IC configures its interface according to the pin state as shown in the table below. The
host system must keep the voltage levels stable at these pins for at least 500
µs after
power-on-reset.
6.3
Power-saving modes
The device provides two power-saving operation modes, the SLEEP mode and the DEEP
SLEEP mode. These modes are activated via pad RST_N (DEEP SLEEP mode) or by the
device.
6.3.1 SLEEP mode
The SLEEP mode has the following properties:
• all internal clocks are frozen,
• CPU enters power saving mode with program execution being stopped,
• CPU registers keep their contents,
• RAM keeps its contents,
The A71CL enters automatically into SLEEP mode and also wakes up automatically from
SLEEP mode. In SLEEP mode, all internal clocks are stopped. The IOs hold the logical
states they had at the time IDLE was activated. During SLEEP mode security sensors
HVS, LVS, LTS, HTS, Light Sensors, Glitch Sensors and Active Shielding are disabled.
There are two ways to exit from the SLEEP mode:
• A reset signal on RST_N
• An External Interrupt edge triggered by a falling edge on I2C_SDA
Table 5.
I2C address
Value at startup
I2C address
IF0
IF1
I2C_SCL
I2C_SDA
Write
Read
0
x
0
0
n.a.
n.a.
1
0
1
1
0x90
0x91
1
1
1
1
0x92
0x93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com