Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7102CLTK2/T0BC2XR Datasheet(PDF) 17 Page - NXP Semiconductors

Part # A7102CLTK2/T0BC2XR
Description  Plug & Trust Secure Element for Alibaba Cloud
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A7102CLTK2/T0BC2XR Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button A7102CLTK2/T0BC2XR Datasheet HTML 13Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 14Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 15Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 16Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 17Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 18Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 19Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 20Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
485030
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 24 September 2020
485031
17 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element for Alibaba Cloud
[1]
All appropriately marked values are typical values and only referenced for information. They are subject to change without notice.
[2]
tr is defined as rise time between 20% and 80% of the signal amplitude.
tf is defined as fall time between 80% and 20% of the signal amplitude.
[3]
During AC testing the inputs RST_N, I2C_SDA, I2C_SCL are driven at 0 V to +0.3 V for a LOW input level and at VDD −0.3 V to VDD for
a HIGH input level. Clock period and signal pulse (duty cycle) timing is measured at 50% of VDD.
[4]
tr is defined as rise time between 30% and 70% of the signal amplitude.
tf is defined as fall time between 70% and 30% of the signal amplitude.
13.3 EMC/EMI
EMC and EMI resistance according to IEC 61967-4.
tWKPIO
Pad LOW time for wake-up
from SLEEP mode
level triggered ext.int.
-
8
10
µs
edge triggered ext.int.
-
8
10
µs
tWKPRST RST_N LOW time for wake-up
from SLEEP mode
40
-
µs
tWKWT
Time from SLEEP mode
wake/up event to I2C_SDA
valid
50
100
ns
CPIN
Pin capacitances RST_N,
I2C_SDA, /I2C_SCL
Test frequency = 1 MHz;
Tamb = 25 °C
-
10
pF
Table 13.
Electrical AC characteristics of I2C_SDA, I2C_SCL, and RST_N[1];
VDD = 1.8 V ± 10% or 3 V ± 10% V; VSS = 0 V; Tamb = -40 to 90 °C
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Fig 7.
External clock drive and AC test timing reference points of I2C_SDA, I2C_SCL, and RST_N (see Table
note [3] and Table note [4]) in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com