Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7102CLTK2/T0BC2XR Datasheet(PDF) 23 Page - NXP Semiconductors

Part # A7102CLTK2/T0BC2XR
Description  Plug & Trust Secure Element for Alibaba Cloud
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A7102CLTK2/T0BC2XR Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button A7102CLTK2/T0BC2XR Datasheet HTML 16Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 17Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 18Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 19Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 20Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 21Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 22Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 23Page - NXP Semiconductors A7102CLTK2/T0BC2XR Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
485030
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 24 September 2020
485031
23 of 24
continued >>
NXP Semiconductors
A71CL
Plug & Trust Secure Element for Alibaba Cloud
19. Tables
Table 1.
A71CL commercial name format . . . . . . . . . . . .2
Table 2.
Ordering information . . . . . . . . . . . . . . . . . . . . . .6
Table 3.
A71CL feature table . . . . . . . . . . . . . . . . . . . . . .6
Table 4.
I2C address. . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 5.
Pin description HVSON8 . . . . . . . . . . . . . . . . . .9
Table 6.
Reel packing options . . . . . . . . . . . . . . . . . . . . 11
Table 7.
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
Recommended operating conditions . . . . . . . .12
Table 9.
Electrical DC characteristics of I2C_SCL,
I2C_SDA and RST_N . . . . . . . . . . . . . . . . . . .13
Table 10. Electrical characteristics of IC supply voltage VDD;
VSS = 0 V; Tamb = -40 to +90 °C . . . . . . . . . . .15
Table 11. Electrical characteristics of IC supply voltage VDD;
VSS = 0 V; Tamb = -40 to +90 °C . . . . . . . . . . . 16
Table 12. Non-volatile memory timing characteristics;
VDD = 1.8 V ± 10% or 3 V ± 10% V; VSS = 0 V;
Tamb = -40 to 90 °C . . . . . . . . . . . . . . . . . . . . . 16
Table 13. Electrical AC characteristics of I2C_SDA,
I2C_SCL, and RST_N[1];
VDD = 1.8 V ± 10% or 3 V ± 10% V; VSS = 0 V;
Tamb = -40 to 90 °C . . . . . . . . . . . . . . . . . . . . . 16
Table 14. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 15. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 20
20. Figures
Fig 1.
A71CL block diagram. . . . . . . . . . . . . . . . . . . . . . .1
Fig 2.
A71CL functional diagram - example Open SSL . .7
Fig 3.
Pin configuration for HVSON-8 (SOT909-1) . . . . .9
Fig 4.
Package outline SOT909-1 . . . . . . . . . . . . . . . . .10
Fig 5.
Recommended operating conditions over voltage
range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Fig 6.
Input characteristic of RST_N . . . . . . . . . . . . . . . 14
Fig 7.
External clock drive and AC test timing reference
points of I2C_SDA, I2C_SCL, and RST_N (see
Table note [3] and Table note [4]) in open drain
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
21. Contents
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
General description . . . . . . . . . . . . . . . . . . . . . . 2
2.1
A71CL naming conventions . . . . . . . . . . . . . . . 2
2.2
I2C interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.3
Security licensing . . . . . . . . . . . . . . . . . . . . . . . 2
3
Features and benefits . . . . . . . . . . . . . . . . . . . . 3
3.1
Key benefits . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3.2
Security features. . . . . . . . . . . . . . . . . . . . . . . . 3
3.3
Cryptography features . . . . . . . . . . . . . . . . . . . 3
3.4
Functional features . . . . . . . . . . . . . . . . . . . . . . 4
4
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4.1
Use Cases and target applications . . . . . . . . . . 5
5
Ordering information . . . . . . . . . . . . . . . . . . . . . 6
5.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 6
5.1.1
Ordering A71CL samples . . . . . . . . . . . . . . . . . 6
6
Functional description . . . . . . . . . . . . . . . . . . . 7
6.1
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 7
6.2
I2C Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
6.3
Automatic Communication Mode detection at
Power on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6.4
Power-saving modes . . . . . . . . . . . . . . . . . . . . 8
6.4.1
SLEEP mode . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6.4.2
DEEP SLEEP mode. . . . . . . . . . . . . . . . . . . . . 8
7
Pinning information . . . . . . . . . . . . . . . . . . . . . 9
7.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
7.1.1
Pinning HVSON8 . . . . . . . . . . . . . . . . . . . . . . . 9
8
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 10
9
Packing information . . . . . . . . . . . . . . . . . . . . . 11
9.1
Reel packing . . . . . . . . . . . . . . . . . . . . . . . . . . 11
10
Electrical and timing characteristics. . . . . . . . 11
11
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 11
12
Recommended operating conditions . . . . . . 12
13
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 13
13.1
DC characteristics . . . . . . . . . . . . . . . . . . . . . 13
13.1.1
General and I2C I/O interface . . . . . . . . . . . . 13
13.1.2
I2C interface at 3V3 mode operation[1] . . . . . 15
13.1.3
I2C interface at 1V8 mode operation[1] . . . . . 16
13.2
AC characteristics . . . . . . . . . . . . . . . . . . . . . 16
13.3
EMC/EMI . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 18
15
References. . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com