Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGF2929-FLEVB01 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # TGF2929-FLEVB01
Description  100W, 28V, DC??.5 GHz, GaN RF Power Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGF2929-FLEVB01 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button TGF2929-FLEVB01 Datasheet HTML 9Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 10Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 11Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 12Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 13Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 14Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 15Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 16Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TGF2929-FL
100W, 28V, DC
–3.5 GHz, GaN RF Power Transistor
Datasheet Rev. B, August 24, 2018 | Subject to change without
notice
- 12 of 20 -
www.qorvo.com
Power Drive-up Performance Over Temperatures Of 3.1
– 3.5 GHz EVB1
Notes:
1. VD = 28 V, IDQ = 260 mA, 100 µS PW, 20% DC
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
G3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
45°C
65°C
85°C
50
60
70
80
90
100
110
120
130
140
150
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
P3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
45°C
65°C
85°C
0
10
20
30
40
50
60
70
80
90
100
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
PAE3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
45°C
65°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com