Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGF2929-FLEVB01 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TGF2929-FLEVB01
Description  100W, 28V, DC??.5 GHz, GaN RF Power Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGF2929-FLEVB01 Datasheet(HTML) 4 Page - Qorvo, Inc

  TGF2929-FLEVB01 Datasheet HTML 1Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 2Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 3Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 4Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 5Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 6Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 7Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 8Page - Qorvo, Inc TGF2929-FLEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TGF2929-FL
100W, 28V, DC
–3.5 GHz, GaN RF Power Transistor
Datasheet Rev. B, August 24, 2018 | Subject to change without
notice
- 3 of 20 -
www.qorvo.com
Maximum Gate Current
30
50
70
90
110
130
150
170
190
210
230
250
120
130
140
150
160
170
180
190
200
210
220
230
IR Surface Channel Temperature [°C]
Maximum Gate Current Vs. IR Surface Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com